Electronic Components Datasheet Search
  English  ▼

X  

DF40 Datasheet(PDF) 20 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 20 Page - Hirose Electric

Back Button DF40 Datasheet HTML 16Page - Hirose Electric DF40 Datasheet HTML 17Page - Hirose Electric DF40 Datasheet HTML 18Page - Hirose Electric DF40 Datasheet HTML 19Page - Hirose Electric DF40 Datasheet HTML 20Page - Hirose Electric DF40 Datasheet HTML 21Page - Hirose Electric DF40 Datasheet HTML 22Page - Hirose Electric DF40 Datasheet HTML 23Page - Hirose Electric DF40 Datasheet HTML 24Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Part No.
A
B
C
D
E
DF40C-10DP-0.4V(##)
12
-
5.5
17.5
13.5
DF40C-12DP-0.4V(##)
DF40C-20DP-0.4V(##)
16
7.5
21.5
17.5
DF40C-24DP-0.4V(##)
DF40C-30DP-0.4V(##)
DF40C-34DP-0.4V(##)
24
11.5
29.5
25.5
DF40C-40DP-0.4V(##)
DF40C-44DP-0.4V(##)
DF40C-50DP-0.4V(##)
DF40C-60DP-0.4V(##)
DF40C-70DP-0.4V(##)
32
28.4
14.2
37.5
33.5
DF40C-80DP-0.4V(##)
DF40C-90DP-0.4V(##)
44
40.4
20.2
49.5
45.5
DF40C-100DP-0.4V(##)
DF40C-120DP-0.4V(##)
DF40GB-10DP-0.4V(##)
12
-
5.5
17.5
13.5
DF40GB-30DP-0.4V(##)
16
7.5
21.5
17.5
DF40GB-36DP-0.4V(##)
24
11.5
29.5
25.5
DF40GB-48DP-0.4V(##)
DF40GB-70DP-0.4V(##)
Unit : mm
Note : The hole of the carrier tape for 10 to 60pos. is only one side.
Plug
 
 
Label
φ1.5 Feed
Hole Back
Unreeling Direction
●Embossed Tape Dimensions
●Reel Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com