Electronic Components Datasheet Search
  English  ▼

X  

DF40 Datasheet(PDF) 15 Page - Hirose Electric

Part # DF40
Description  0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40 Datasheet(HTML) 15 Page - Hirose Electric

Back Button DF40 Datasheet HTML 11Page - Hirose Electric DF40 Datasheet HTML 12Page - Hirose Electric DF40 Datasheet HTML 13Page - Hirose Electric DF40 Datasheet HTML 14Page - Hirose Electric DF40 Datasheet HTML 15Page - Hirose Electric DF40 Datasheet HTML 16Page - Hirose Electric DF40 Datasheet HTML 17Page - Hirose Electric DF40 Datasheet HTML 18Page - Hirose Electric DF40 Datasheet HTML 19Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
DF40 Series/0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
A±0.3
B±0.1
C±0.08
P=0.4±0.05
0.15±0.02
0.08±0.02
1.52±0.2
Vacuum Pick & Place Area : C±0.2
Recommended PCB Pattern
F
0
-0.05
E
0
-0.05
D +0.05
0
P=0.4±0.02
0.35±0.02
0.23±0.02
B±0.02
C±0.02
Part No.
HRS No.
No. of
Pos.
A
B
C
D
E
F
G
Purchase
Unit
(##):(51)
Purchase
Unit
(##):(58)
DF40GB-10DP-0.4V(##)
CL0684-4225-5-##
10
3.16
2.67
1.6
4.74
3.32
2.12
1.0
〇
〇
DF40GB-30DP-0.4V(##)
CL0684-4200-4-##
30
7.16
6.67
5.6
8.74
7.32
6.12
1.5
〇
〇
DF40GB-36DP-0.4V(##)
CL0684-4232-0-##
36
8.36
7.87
6.8
9.94
8.52
7.32
2.3
〇
ー
DF40GB-48DP-0.4V(##)
CL0684-4195-6-##
48
10.76
10.27
9.2
12.34
10.92
9.72
3.2
〇
〇
DF40GB-70DP-0.4V(##)
CL0684-4199-7-##
70
15.16
14.67
13.6
16.74
15.32
14.12
〇
〇
Unit : mm
【Specification Nmber】
(51) : Embossed Packaging (5,000pcs per reel)
(58) : Embossed Packaging (1,000pcs per reel)
Note 1 : Please order embossed tape packaged items by the reel.
Note 2 : There are no concave areas on plug side contact part to increase the mating strength for 60 pos. or more.
Note 3 :
is insulation area.
Note 4 : This connector has no polarity.
Plug (With Shield)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com