Electronic Components Datasheet Search
  English  ▼

X  

MP6530GR Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP6530GR
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6530GR Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP6530GR Datasheet HTML 10Page - Monolithic Power Systems MP6530GR Datasheet HTML 11Page - Monolithic Power Systems MP6530GR Datasheet HTML 12Page - Monolithic Power Systems MP6530GR Datasheet HTML 13Page - Monolithic Power Systems MP6530GR Datasheet HTML 14Page - Monolithic Power Systems MP6530GR Datasheet HTML 15Page - Monolithic Power Systems MP6530GR Datasheet HTML 16Page - Monolithic Power Systems MP6530GR Datasheet HTML 17Page - Monolithic Power Systems MP6530GR Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP6530–5V TO 60V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6530 Rev. 1.13
www.MonolithicPower.com
16
8/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
LS MOSFETs. You can also see the use of wide
copper areas for all of the high current paths.
The low-side sense resistor is composed of three
resistors in parallel (R25, R26, and R27), and is
connected to the input supply and LS MOSFET
source terminals by wide copper areas.
Note the location of the charge pump and supply
bypass capacitors, very close to the IC. The
grounded side of these capacitors is connected
to a ground plane, which is connected to the
device ground pin and exposed pad. The high-
current ground path between the input supply,
input bulk capacitor C19, and MOSFETs is kept
away from this area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com