Electronic Components Datasheet Search
  English  ▼

X  

MP6530GR Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6530GR
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6530GR Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6530GR Datasheet HTML 5Page - Monolithic Power Systems MP6530GR Datasheet HTML 6Page - Monolithic Power Systems MP6530GR Datasheet HTML 7Page - Monolithic Power Systems MP6530GR Datasheet HTML 8Page - Monolithic Power Systems MP6530GR Datasheet HTML 9Page - Monolithic Power Systems MP6530GR Datasheet HTML 10Page - Monolithic Power Systems MP6530GR Datasheet HTML 11Page - Monolithic Power Systems MP6530GR Datasheet HTML 12Page - Monolithic Power Systems MP6530GR Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MP6530–5V TO 60V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6530 Rev. 1.13
www.MonolithicPower.com
9
8/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN
Pin #
TSSOP
Pin #
Name
Description
1
26
VIN
Input supply voltage. Bypass to ground with a ceramic capacitor. Additional
bulk capacitance may be required. See Applications Information section.
2
27
CPA
Charge pump capacitor. Connect a ceramic capacitor between these pins.
See Applications Information section.
3
28
CPB
4
1
VREG
Gate drive supply output. Connect a ceramic capacitor to ground.
See
Applications Information section.
5
2
BSTA
Bootstrap phase A. Connect a ceramic capacitor to SHA.
See Applications Information section.
6
3
SHA
High-side source connection phase A.
7
4
GHA
High-side gate drive phase A.
8
5
GLA
Low-side gate drive phase A.
9
6
BSTB
Bootstrap phase B. Connect a ceramic capacitor to SHB.
See Applications Information section.
10
7
SHB
High-side source connection phase B.
11
8
GHB
High-side gate drive phase B.
12
9
GLB
Low-side gate drive phase B.
13
10
BSTC
Bootstrap phase C. Connect a ceramic capacitor to SHC.
See Applications Information section.
14
11
SHC
High-side source connection phase C.
15
12
GHC
High-side gate drive phase C.
16
13
GLC
Low-side gate drive phase C.
17
14
LSS
Low-side Source Connection.
18
15
PWMC
PWM input pin for phase C. High drivers phase C high; low drivers phase C
low. Internal pulldown.
19
16
PWMB
PWM input pin for phase B. High drivers phase B high; low drivers phase B
low. Internal pulldown.
20
17
PWMA
PWM input pin for phase A. High drivers phase A high; low drivers phase A
low. Internal pulldown.
21
18
ENC
Enable pin for phase C. Active high enables the gate driver for phase C; low
disables the gate driver for phase C. Internal pulldown.
22
19
ENB
Enable pin for phase B. Active high enables the gate driver for phase B; low
disables the gate driver for phase B. Internal pulldown..
23
20
ENA
Enable pin for phase A. Active high enables the gate driver for phase A; low
disables the gate driver for phase A. Internal pulldown.
24
21
nFAULT
Fault indication. Open-drain output. nFAULT is logic low when in a fault
condition.
25
22
nSLEEP
Sleep mode input. Logic low to enter low-power sleep mode; high to enable.
Internal pulldown.
26
23
OCREF
Over-current protection reference voltage input.
27
24
DT
Dead time setting. Connect a resistor to ground to set the dead time. See
Applications Information section.
28
25
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com