Electronic Components Datasheet Search
  English  ▼

X  

MP6530GR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6530GR
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6530GR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6530GR Datasheet HTML 1Page - Monolithic Power Systems MP6530GR Datasheet HTML 2Page - Monolithic Power Systems MP6530GR Datasheet HTML 3Page - Monolithic Power Systems MP6530GR Datasheet HTML 4Page - Monolithic Power Systems MP6530GR Datasheet HTML 5Page - Monolithic Power Systems MP6530GR Datasheet HTML 6Page - Monolithic Power Systems MP6530GR Datasheet HTML 7Page - Monolithic Power Systems MP6530GR Datasheet HTML 8Page - Monolithic Power Systems MP6530GR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP6530
5V to 60V, Three-Phase Brushless
DC Motor Pre-Driver
MP6530 Rev. 1.13
www.MonolithicPower.com
1
8/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP6530 is a gate driver IC designed for
three-phase
brushless
DC
motor
driver
applications. It is capable of driving three half
bridges
consisting
of
6
N-channel
power
MOSFETs up to 60V.
The MP6530 integrates a regulated charge
pump to generate gate drive power, and uses a
bootstrap
capacitor
to
generate
a
supply
voltage for the high-side MOSFET driver. An
internal trickle-charge circuit maintains sufficient
high-side gate driver voltage even when an
output is operated at 100% duty cycle.
Internal
protection
features
include
programmable short-circuit protection, over-
current protection, adjustable dead-time control,
undervoltage lockout, and thermal shutdown.
The MP6530 is available in 28-pin, 9.7mm ×
6.4mm
TSSOP
and
4mm
x
4mm
QFN
packages with an exposed thermal pad.
FEATURES
 Wide 5V to 60V Input Voltage Range
 Charge Pump Gate Drive Supply
 Bootstrap High-Side Driver with Trickle-
Charge Circuit Supports 100% Duty Cycle
Operation
 Low-Power Sleep Mode
 Programmable Short-Circuit Protection
 Over-Current Protection
 Adjustable Dead-Time Control to Prevent
Shoot-Through
 Thermal Shutdown and UVLO Protection
 Fault Indication Output
 Thermally
Enhanced
Surface-Mount
Package
APPLICATIONS
 Three-Phase Brushless DC Motors and
Permanent Magnet Synchronous Motors
 Power Drills
 Impact Drivers
 E-Bike
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
CPA
CPB
VREG
VIN
LSS
PWMA
PWMB
PWMC
OCREF
nFAULT
DT
VIN
MP6530
RDEAD
0.47uF
ENA
ENB
ENC
10uF
CIN
GLA
GHA
SHA
Phase A
(repeat for B and C)
To
Phase
B
To
Phase
C
nSLEEP
GND
BSTA


Similar Part No. - MP6530GR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6530 MPS-MP6530 Datasheet
835Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
More results

Similar Description - MP6530GR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
Three-Phase Brushless DC Motor Driver
logo
Allegro MicroSystems
A4931 ALLEGRO-A4931_16 Datasheet
244Kb / 9P
3-Phase Brushless DC Motor Pre-Driver
logo
Monolithic Power System...
EV6534-U-00A MPS-EV6534-U-00A Datasheet
368Kb / 6P
5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
EV6535-U-00A MPS-EV6535-U-00A Datasheet
343Kb / 6P
5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
EVKT6532 MPS-EVKT6532 Datasheet
838Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
EVKT6530 MPS-EVKT6530 Datasheet
835Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
MP6529 MPS-MP6529 Datasheet
472Kb / 13P
5V to 35V, Three-Phase, Brushless DC Motor Pre-Driver
MP6531A MPS-MP6531A Datasheet
1Mb / 18P
5V - 60V, Three-Phase, Brushless, DC Motor Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com