Electronic Components Datasheet Search
  English  ▼

X  

TL441 Datasheet(PDF) 5 Page - Texas Instruments

Part # TL441
Description  LOGARITHMIC AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL441 Datasheet(HTML) 5 Page - Texas Instruments

  TL441 Datasheet HTML 1Page - Texas Instruments TL441 Datasheet HTML 2Page - Texas Instruments TL441 Datasheet HTML 3Page - Texas Instruments TL441 Datasheet HTML 4Page - Texas Instruments TL441 Datasheet HTML 5Page - Texas Instruments TL441 Datasheet HTML 6Page - Texas Instruments TL441 Datasheet HTML 7Page - Texas Instruments TL441 Datasheet HTML 8Page - Texas Instruments TL441 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TL441EP
LOGARITHMIC AMPLIFIER
SGLS268 − OCTOBER 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
CA2 CA2′ VCC+ VCC−
Y
Y
Z
Z
CB2
GND
A1
A2
B1
B2
DVM
18 mV
100 mV
560 mV
DC
Power
Supply
VCC+ VCC−
Scale Factor
+
V
out(560 mV)
–V
out(18mV)
mV
30 dBV
Error
+
Vout(100 mV)
–0.5 V
out(560 mV)
–0.5 V
out(18 mV)
Scale Factor
CB2′
Figure 3
CA2 CA2′ VCC+ VCC−
Y
Y
Z
Z
CB2 CB2′ GND
A1
A2
B1
B2
VCC+
VCC−
1000 pF
CI
CL
CL
100 mV
0 mV
Atten
Pulse
Generator
50
Ω
Tektronix
Sampling Scope
With Digital
Readout or
Equivalent
NOTES: A. The input pulse has the following characteristics: tw = 200 ns, tr ≤ 2 ns, tf ≤ 2 ns, PRR ≤ 10 MHz.
B. Capacitor CI consists of three capacitors in parallel: 1 µF, 0.1 µF, and 0.01 µF.
C. CL includes probe and jig capacitance.
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com