Electronic Components Datasheet Search
  English  ▼

X  

TL441 Datasheet(PDF) 14 Page - Texas Instruments

Part # TL441
Description  LOGARITHMIC AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL441 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL441 Datasheet HTML 10Page - Texas Instruments TL441 Datasheet HTML 11Page - Texas Instruments TL441 Datasheet HTML 12Page - Texas Instruments TL441 Datasheet HTML 13Page - Texas Instruments TL441 Datasheet HTML 14Page - Texas Instruments TL441 Datasheet HTML 15Page - Texas Instruments TL441 Datasheet HTML 16Page - Texas Instruments TL441 Datasheet HTML 17Page - Texas Instruments TL441 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TL441EP
LOGARITHMIC AMPLIFIER
SGLS268 − OCTOBER 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2 k
Ω
2 k
Ω
Origin
20 k
Ω
2 k
Ω
2 k
Ω
Slope
A1
A2
Y
Y
1/2
TL441
Input
A
Output
W
+
−
−
+
NOTE: Adjust the slope to correspond to the base “a”. Exponential to any base: W = a.
Figure 17. Raising a Fixed Number to a Variable Power
+
−
20 k
Ω
20 k
Ω
Input
1
2.2 k
Ω
0.2
µF
Output
1
Input
2
Output
2
TL592
TL592
0.2
µF
1 k
Ω
1 k
Ω
Gain Adj.
2.2 k
Ω
2.2 k
Ω
2.2 k
Ω
0.2
µF
0.2
µF
1 k
Ω
1 k
Ω
0.2
µF
Gain Adj. = 400
Ω
For 30 dB
Gain Adj. = 400
Ω
For 30 dB
0.2
µF
TL592
TL592
50
Ω
50
Ω
50
Ω
Open
Open
CA2 CA2’
Y
Y
Z
Z
CB2 CB2’
A1
A2
B1
B2
TL441
10
k
Ω
10
k
Ω
VCC −
Gain Adj.
+
−
+
−
+
−
50
Ω
+
−
+
−
Figure 18. Dual-Channel RF Logarithmic Amplifier With 50-dB Input Range Per Channel at 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com