Electronic Components Datasheet Search
  English  ▼

X  

TL441 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL441
Description  LOGARITHMIC AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL441 Datasheet(HTML) 1 Page - Texas Instruments

  TL441 Datasheet HTML 1Page - Texas Instruments TL441 Datasheet HTML 2Page - Texas Instruments TL441 Datasheet HTML 3Page - Texas Instruments TL441 Datasheet HTML 4Page - Texas Instruments TL441 Datasheet HTML 5Page - Texas Instruments TL441 Datasheet HTML 6Page - Texas Instruments TL441 Datasheet HTML 7Page - Texas Instruments TL441 Datasheet HTML 8Page - Texas Instruments TL441 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TL441EP
LOGARITHMIC AMPLIFIER
SGLS268 − OCTOBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of
−55
°C to 125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree†
D Excellent Dynamic Range
D Wide Bandwidth
D Built-In Temperature Compensation
D Log Linearity (30-dB Sections) ...1 dB Typ
D Wide Input Voltage Range
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
DESCRIPTION
This amplifier circuit contains four 30-dB logarithmic stages. Gain in each stage is such that the output of each
stage is proportional to the logarithm of the input voltage over the 30-dB input voltage range. Each half of the
circuit contains two of these 30-dB stages summed together in one differential output that is proportional to the
sum of the logarithms of the input voltages of the two stages. The four stages may be interconnected to obtain
a theoretical input voltage range of 120-dB. In practice, this permits the input voltage range typically to be greater
than 80-dB with log linearity of
±0.5-dB (see application data). Bandwidth is from dc to 40 MHz.
This circuit is useful in data compression and analog compensation. This logarithmic amplifier is used in log IF
circuitry as well as video and log amplifiers.
The TL441M is characterized for operation over the full military temperature range of −55
°C to 125°C.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−55
°C to 125°C
SOP (NS)
Tape and reel
TL441MNSREP
TL441MEP
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CA2
VCC −
CA2′
A1
Y
Y
A2
VCC +
NC
CB2
CB2′
GND
B1
Z
Z
B2
NS PACKAGE
(TOP VIEW)
NC — No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TL441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL441 TI-TL441 Datasheet
226Kb / 15P
LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
563Kb / 20P
LOGARITHMIC AMPLIFIER
TL441 TI2-TL441 Datasheet
673Kb / 25P
LOGARITHMIC AMPLIFIER
OCTOBER 2000
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
800Kb / 19P
LOGARITHMIC AMPLIFIER
More results

Similar Description - TL441

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
True logarithmic amplifier
1995 Jul 25
logo
Texas Instruments
TL441 TI-TL441 Datasheet
226Kb / 15P
LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
LOGARITHMIC AMPLIFIER
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
LOGARITHMIC AMPLIFIER
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
logo
Texas Instruments
TL441-EP TI1-TL441-EP_14 Datasheet
800Kb / 19P
LOGARITHMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com