Electronic Components Datasheet Search
  English  ▼

X  

SM9503AV Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM9503AV
Description  Radio Controlled Clock Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9503AV Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM9503AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SM9503A
NIPPON PRECISION CIRCUITS INC.—3
BLOCK DIAGRAM
PIN DESCRIPTION
Pad
number
Pin number
Name
I/O1
1. I: input, O: output, Ipu: input with pull-up resistor, –: supply pin
A/D2
2. A: analog signal, D: digital signal
Description
1
7
XI
I
A
Crystal filter input connection
2
8
LF
O
A
Rectifier LPF capacitor connection
3
9
CB
O
A
Bottom-hold detector capacitor connection
4
10
CP
O
A
Peak-hold detector capacitor connection
5
11
HLDN
Ipu
D
AGC gain hold control (active LOW)
6
12
VSS
−
A(
−) Negative supply input (substrate potential)
7
13
OUT
O
D
Time code output (active LOW)
8
14
PON
Ipu
D
Standby-mode control input (active LOW)
9
15
VDD
−
A(
+) Positive supply input
10
−
VDDA
−
A(
+) Positive supply input (AGC amplifier)
11
16
IN2
I
A
Antenna input 2
12
1
NC
××
No connection (must be open)
13
2
IN1
I
A
Antenna input 1
14
3
NC
××
No connection (must be open)
15
4
VSSA
−
A(
−) Negative supply input (AGC amplifier)
16
5
XO1
O
A
Crystal filter output 1
17
6
XO2
O
A
Crystal filter output 2
VDDA
VSS
VDD
CP
AGC Control
Peak/Bottom
Hold Det.
Decoder
CB
HLDN
XI
OUT
LF
XO1
VSSA
IN1
IN2
XO2
LPF
Rectifier
Post Amp
AGC Amp
PON
Bias
CC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com