Electronic Components Datasheet Search
  English  ▼

X  

SM9503AV Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM9503AV
Description  Radio Controlled Clock Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9503AV Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM9503AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SM9503A
NIPPON PRECISION CIRCUITS INC.—1
Radio Controlled Clock Receiver IC
OVERVIEW
The SM9503A is a BiCMOS IC RCC*1 receiver IC. It accepts low frequency standard wave input received
from an external antenna, amplifies it, detects the data signal, and outputs a digital time code signal.
*1: Radio controlled clock
FEATURES
I
Operating supply voltage range: 1.2 to 3.6V
I
Operating current consumption: 36
µA (typ) @1.5V
I
Standby current consumption: 0.1
µA (max) @1.5V
I
High sensitivity: 0.3
µVrms (typ) input @60kHz
input
I
Low frequency standard wave range: 35kHz to
80kHz
I
AGC gain hold function
I
External crystal filter connection
I
Some versions by a compensation capacitor to
cancel the crystal parallel capacitor
I
BiCMOS process
I
Package:16-pin VSOP, Chip form
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Device
Package
SM9503AV
16-pin VSOP
CF9503A
Chip form
NC
1
IN1
NC
VSSA
16
IN2
VDD
PON
OUT
XO1
XO2
XI
LF
8
VSS
HLDN
CP
9
CB
0.275TYP
5.1 ± 0.2
0.65
0.12
0.10
M
0.22
− 0.05
+ 0.1
0.15 − 0.0
5
+ 0.1
0 to 10 °


Similar Part No. - SM9503AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM9501A NPC-SM9501A Datasheet
138Kb / 10P
Radio Controlled Clock Receiver IC
SM9501AV NPC-SM9501AV Datasheet
138Kb / 10P
Radio Controlled Clock Receiver IC
SM9501B NPC-SM9501B Datasheet
138Kb / 10P
Radio Controlled Clock Receiver IC
SM9501B NPC-SM9501B Datasheet
123Kb / 8P
Radio Controlled Clock Receiver IC
SM9501BV NPC-SM9501BV Datasheet
138Kb / 10P
Radio Controlled Clock Receiver IC
More results

Similar Description - SM9503AV

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4221B TEMIC-U4221B Datasheet
169Kb / 12P
Radio Controlled Clock Receiver
U4222B TEMIC-U4222B Datasheet
95Kb / 9P
Radio Controlled Clock Receiver
logo
Nippon Precision Circui...
SM9501A NPC-SM9501A Datasheet
138Kb / 10P
Radio Controlled Clock Receiver IC
logo
List of Unclassifed Man...
D6002 ETC1-D6002 Datasheet
121Kb / 6P
RADIO CONTROLLED RECEIVER IC
logo
Nippon Precision Circui...
SM9501B NPC-SM9501B Datasheet
123Kb / 8P
Radio Controlled Clock Receiver IC
logo
Gunter Seniconductor Gm...
AK2124 GSG-AK2124 Datasheet
110Kb / 6P
Radio Controlled Clock Receiver
AK2125 GSG-AK2125 Datasheet
109Kb / 6P
Radio Controlled Clock Receiver
AK2127 GSG-AK2127 Datasheet
104Kb / 6P
Radio Controlled Clock Receiver
logo
PREMO CORPORATION S.L
RCA-SMD PREMO-RCA-SMD Datasheet
232Kb / 4P
Radio Clock Receiver Antenna SMD
RCA-SMD PREMO-RCA-SMD_14 Datasheet
232Kb / 4P
Radio Clock Receiver Antenna SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com