Electronic Components Datasheet Search
  English  ▼

X  

SM9503AV Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM9503AV
Description  Radio Controlled Clock Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9503AV Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM9503AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9503AV Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SM9503A
NIPPON PRECISION CIRCUITS INC.—4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.3 to 7.0
V
Input voltage range
VIN
−0.3 to VDD + 0.3
V
Power dissipation
PD
16-pin VSOP
150
mW
Storage temperature range
Tstg
16-pin VSOP
−55 to 125
°C
Chip form
−65 to 150
°C
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
1.2 to 3.6
V
Operating temperature range
Topr
−20 to 70
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com