Electronic Components Datasheet Search
  English  ▼

X  

FS32K112BFT0V Datasheet(PDF) 6 Page - NXP Semiconductors

Part # FS32K112BFT0V
Description  NXP Semiconductors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BFT0V Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button FS32K112BFT0V Datasheet HTML 2Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 3Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 4Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 5Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 6Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 7Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 8Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 9Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
Description Input Multiplexing sheet(s)
attached with
Reference Manual.
2 KB (up to 32 KB D-Flash)
EEPROM emulated by FlexRAM1
2 KB
FlexRAM (also available as system RAM)
Cache
25 KB
System RAM (including FlexRAM and MTB)
17 KB
Flash
128 KB
256 KB
2.7 - 5.5 V
Single supply voltage
HSRUN mode1
Watchdog
1x
Number of I/Os
up to 43
up to 58
Memory Protection Unit (MPU)
K116
K118
Parameter
Peripheral speed
CRC module
IEEE-754 FPU
Arm® Cortex
™-M0+
Core
1x
External Watchdog Monitor (EWM)
DMA
Crossbar
capable up to ASIL-B
ISO 26262
Cryptographic Services Engine (CSEc)1
48 MHz
Frequency
up to 48 MHz
Error Correcting Code (ECC)
1x
Low Power Timer (LPTMR)
1x
Low Power Interrupt Timer (LPIT)
LEGEND:
Not implemented
Available on the device
1 No write or erase access to Flash module, including Security (CSEc) and EEPROM commands, are allowed when
device is running at HSRUN mode (112MHz) or VLPR mode.
2 Available when EEEPROM, CSEc and Data Flash are not used. Else only up to 1,984 KB is available for Program Flash.
3 4 KB (up to 512 KB D-Flash as a part of 2 MB Flash). Up to 64 KB of flash is used as EEPROM backup and the remaining 448 KB
of the last 512 KB block can be used as Data flash or Program flash. See chapter FTFC for details.
4 Only for Boundary Scan Register
5 See Dimensions section for package drawings
6 Under development, QuadSPI not supported for S32K148 in 100-pin LQFP
Trigger mux (TRGMUX)
1x
Real Time Counter (RTC)
FlexTimer (16-bit counter) 8 channels
2x (16)
External memory interface
1x (16)
2x
1x
10/100 Mbps IEEE-1588 Ethernet MAC
12-bit SAR ADC (1 Msps each)
1x
FlexIO (8 pins configurable as UART, SPI, I2C, I2S)
Low Power I2C (LPI2C)
Low Power UART/LIN (LPUART)
(Supports LIN protocol versions 1.3, 2.0, 2.1, 2.2A, and SAE J2602)
SWD, MTB (1 KB), JTAG4
Debug & trace
NXP S32 Design Studio (GCC) + SDK,
IAR, GHS, Arm®, Lauterbach, iSystems
48-pin LQFP
64-pin LQFP
Packages5
Ecosystem
(IDE, compiler, debugger)
32-pin QFN
48-pin LQFP
FlexCAN
(CAN-FD ISO/CD 11898-1)
1x
(1x with FD)
1x
2x
Low Power SPI (LPSPI)
Serial Audio Interface (AC97, TDM, I2S)
Comparator with 8-bit DAC
1x
Programmable Delay Block (PDB)
1x
S32K11x
S32K14x
K142
K144
K146
K148
1x
SWD, JTAG (ITM, SWV, SWO)
NXP S32 Design Studio (GCC) + SDK,
IAR, GHS, Arm®, Lauterbach, iSystems
48-pin LQFP
64-pin LQFP
100-pin LQFP
48-pin LQFP
64-pin LQFP
100-pin LQFP
100-pin MAPBGA
64-pin LQFP
100-pin MAPBGA
100-pin LQFP
144-pin LQFP
100-pin MAPBGA
100-pin LQFP6
144-pin LQFP
176-pin LQFP
SWD, JTAG
(ITM, SWV,
SWO), ETM
1x (64)
2x (16)
2x (24)
2x (32)
1x
2x
3x
1x
2x
2x
(1x with FD)
3x
(2x with FD)
3x
(3x with FD)
3x
(1x with FD)
2x
3x
2x
1x
1x (73)
1x (81)
80 MHz (RUN mode) or 112 MHz (HSRUN mode)1
1x
Arm® Cortex
™-M4F
1x
capable up to ASIL-B
up to 112 MHz (HSRUN)
4 KB (up to 64 KB D-Flash)
4 KB
4 KB
32 KB
64 KB
128 KB
256 KB
-40oC to +105oC / +125oC
256 KB
512 KB
1 MB
2 MB2
2.7 - 5.5 V
up to 89
up to 128
up to 156
1x
1x
1x
4x (32)
6x (48)
8x (64)
QuadSPI incl.
HyperBus™
2x
See footnote 3
-40oC to +105oC / +125oC
Ambient Operation Temperature (Ta)
1x (43)
1x (45)
1x (13)
FIRC CMU
Low power modes
Figure 3. S32K1xx product series comparison
Feature comparison
S32K1xx Data Sheet, Rev. 11, 06/2019
6
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com