Electronic Components Datasheet Search
  English  ▼

X  

FS32K112BFT0V Datasheet(PDF) 76 Page - NXP Semiconductors

Part # FS32K112BFT0V
Description  NXP Semiconductors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BFT0V Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button FS32K112BFT0V Datasheet HTML 72Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 73Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 74Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 75Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 76Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 77Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 78Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 79Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 85 page
background image
Pinouts
9.1 Package pinouts and signal descriptions
For package pinouts and signal descriptions, refer to the Reference Manual.
10 Revision History
The following table provides a revision history for this document.
Table 43. Revision History
Rev. No.
Date
Substantial Changes
1
12 Aug 2016
Initial release
2
03 March 2017
• Updated descpition of QSPI and Clock interfaces in Key Features section
• Updated figure: High-level architecture diagram for the S32K1xx family
• Updated figure: S32K1xx product series comparison
• Added note in section Selecting orderable part number
• Updated figure: Ordering information
• In table: Absolute maximum ratings :
• Added footnote to IINJPAD_DC
• Updated min and max value of IINJPAD_DC
• Updated description, max and min values for IINJSUM
• Updated VIN_TRANSIENT
• In table: Voltage and current operating requirements :
• Renamed VSUP_OFF
• Updated max value of VDD_OFF
• Removed VINA and VIN
• Added VREFH and VREFL
• Updated footnote "Typical conditions assumes VDD = VDDA = VREFH = 5
V ...
• Removed INJSUM_AF
• Updated footnotes in table Table 4
• Updated section Power mode transition operating behaviors
• In table: Power consumption
• Added footnote "With PMC_REGSC[CLKBIASDIS] ... "
• Updated conditions for VLPR
• Removed Idd/MHz for S32K144
• Updated numbers for S32K142 and S32K148
• Removed use case footnotes
• In section Modes configuration :
• Replaced table "Modes configuration" with spreadsheet attachment:
'S32K1xx_Power_Modes _Master_configuration_sheet'
• In table: DC electrical specifications at 3.3 V Range :
• Added footnotes to Vih Input Buffer High Voltage and Vih Input Buffer
Low Voltage
• Added footnote to High drive port pins
• In table: DC electrical specifications at 5.0 V Range :
Table continues on the next page...
9
Pinouts
S32K1xx Data Sheet, Rev. 11, 06/2019
76
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com