Electronic Components Datasheet Search
  English  ▼

X  

FS32K112BFT0V Datasheet(PDF) 62 Page - NXP Semiconductors

Part # FS32K112BFT0V
Description  NXP Semiconductors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BFT0V Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button FS32K112BFT0V Datasheet HTML 58Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 59Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 60Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 61Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 62Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 63Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 64Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 65Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
Table 36. RMII signal switching specifications
(continued)
Symbol
Description
Min.
Max.
Unit
RMII7
RMII_CLK to TXD[1:0], TXEN invalid
2
—
ns
RMII8
RMII_CLK to TXD[1:0], TXEN valid
—
15
ns
RMII2
RMII1
RMII4
RMII3
Valid data
Valid data
Valid data
RMII_CLK(input)
RXD[n:0]
CRS_DV
RXER
Figure 26. RMII receive diagram
RMII7
RMII8
Valid data
Valid data
RMII6
RMII5
RMII_CLK (input)
TXD[n:0]
TXEN
Figure 27. RMII transmit diagram
The following table describes the MDIO electrical characteristics.
• Measurements are with maximum output load of 25 pF, input transition of 1 ns and
pad configured with fastest slew settings (DSE = 1'b1).
• I/O operating voltage ranges from 2.97 V to 3.6 V
• While doing the mode transition (RUN -> HSRUN or HSRUN -> RUN ), the
interface should be OFF.
• MDIO pin must have external Pull-up.
Table 37. MDIO timing specifications
Symbol
Description
Min.
Max.
Unit
—
MDC Clock Frequency
—
2.5
MHz
Table continues on the next page...
Communication modules
S32K1xx Data Sheet, Rev. 11, 06/2019
62
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com