Electronic Components Datasheet Search
  English  ▼

X  

LT7170 Datasheet(PDF) 32 Page - Analog Devices

Part # LT7170
Description  20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7170 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT7170 Datasheet HTML 28Page - Analog Devices LT7170 Datasheet HTML 29Page - Analog Devices LT7170 Datasheet HTML 30Page - Analog Devices LT7170 Datasheet HTML 31Page - Analog Devices LT7170 Datasheet HTML 32Page - Analog Devices LT7170 Datasheet HTML 33Page - Analog Devices LT7170 Datasheet HTML 34Page - Analog Devices LT7170 Datasheet HTML 35Page - Analog Devices LT7170 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Data Sheet
LT7170/LT7170-1
LAYOUT CONSIDERATIONS
analog.com
Rev. A | 32 of 36
Note that large, switched currents flow in the LT7170/LT7170-1 VIN
and PGND pins and the input capacitors. Ensure that the loops
formed by the input capacitors are as small as possible by placing
the input capacitors next to the VIN and PGND pins.
Place the LT7170/LT7170-1 input capacitors, inductor, and output
capacitors on the surface layer of the circuit board and make their
connections on that layer. Place a local, unbroken ground plane
under the application circuit on the layer closest to the surface
layer.
Minimize the routing area of the SW and BOOST switching nodes
to minimize electromagnetic interference (EMI) and to reduce stray
capacitance. For applications that use the full output current capaci-
ty of the LT7170/LT7170-1, ensure that the selection of the PCB
copper thickness and width supports the maximum SW current.
For more detail and PCB design files, refer to the EVAL-LT7170 and
EVAL-LT7170-1 user guides for the LT7170/LT7170-1.
Figure 41. LT7170 Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com