Electronic Components Datasheet Search
  English  ▼

X  

LT7170 Datasheet(PDF) 23 Page - Analog Devices

Part # LT7170
Description  20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7170 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT7170 Datasheet HTML 19Page - Analog Devices LT7170 Datasheet HTML 20Page - Analog Devices LT7170 Datasheet HTML 21Page - Analog Devices LT7170 Datasheet HTML 22Page - Analog Devices LT7170 Datasheet HTML 23Page - Analog Devices LT7170 Datasheet HTML 24Page - Analog Devices LT7170 Datasheet HTML 25Page - Analog Devices LT7170 Datasheet HTML 26Page - Analog Devices LT7170 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet
LT7170/LT7170-1
APPLICATIONS INFORMATION
analog.com
Rev. A | 23 of 36
The LT7170/LT7170-1 automatically synchronize PWM switching
to an external clock input on the SYNC/PWM_CFG pin unless
the LT7170/LT7170-1 are configured as an output driver or are
programmed to ignore the input clock. When an external synchro-
nization clock is used on the SYNC/PWM_CFG pin, the LT7170/
LT7170-1 automatically use forced continuous mode. The LT7170/
LT7170-1 continue PWM operation using their own internal oscilla-
tor if the external clock signal is lost. If an external synchroniza-
tion clock is used, it is recommended to program the FREQUEN-
CY_SWITCH command or to use RPWM_CFG to set the internal
oscillator frequency to a value close to the external clock frequency
to ensure that the PWM fSW remains consistent if the external clock
is lost. The LT7170/LT7170-1 can be programmed to ignore an
external clock by writing a 1 to MFR_SYNC_CONFIG_ LT7170, Bit
1.
For an input clock frequency of 400 kHz to 625 kHz, it is recom-
mended to use a RPWM_CFG that selects a PWM frequency of 500
kHz. For an input clock frequency from 625 kHz to 1.25 MHz, it is
recommended to use a RPWM_CFG that selects a PWM frequency of
1 MHz. For an input clock frequency from 1.25 MHz to 2.5 MHz, it
is recommended to use a RPWM_CFG that selects a PWM frequency
of 2 MHz. For an input clock frequency from 2.5 MHz to 4 MHz, it is
recommended to use a RPWM_CFG that selects a PWM frequency of
4 MHz.
Figure 34. PWM Resistor Configuration Without an External Clock
The LT7170/LT7170-1 can be configured to provide a synchronizing
clock output on the SYNC/PWM_CFG pin to other devices by
setting Bit 0 of MFR_SYNC_CONFIG_LT7170 to 1.
If the SYNC/PWM_CFG output clock is enabled, the LT7170/
LT7170-1 drive the SYNC/PWM_CFG pin as a square wave
from 0 V to 1.88 V (typical) at the frequency programmed in
the FREQUENCY_SWITCH command. The phase of SYNC leads
the phase of the Phase 0 PWM output by the value set in the
MFR_PWM_PHASE_ LT7170 command. Only one device connect-
ed to the SYNC/PWM_CFG pin can be configured as an output.
When a clock is active on the SYNC/PWM_CFG pin, the
MFR_PWM_PHASE_LT7170 command specifies the phase rela-
tionship between the rising edge of the SYNC/PWM_CFG pin and
the rising edge of the LT7170/LT7170-1 SW0 pin.
Figure 35. PWM Resistor Configuration with an External Clock
If both the PWM configuration and synchronization clock input func-
tions are used, the clock signal must be AC-coupled using a 1.5 nF
capacitor between the clock source and the LT7170/LT7170-1, as
shown in Figure 35. In this case, the clock signal must be inactive
during LT7170/LT7170-1 initialization to ensure it does not interfere
with the resistor configuration function. If the AC-coupled clock
source output impedance is less than 50 Ω, a 50 Ω resistor must be
added in-series with the clock source. See Table 8 for PWM_CFG
resistor selections.
If the SYNC/PWM_CFG pin is used only as a clock input or output,
and MFR_CONFIG_ALL_LT7170, Bit 6, is written to 1 in the NVM
to disable the resistor configuration pins, no configuration resistor or
AC-coupling capacitor is required.
If an external clock is applied to the SYNC/PWM_CFG pin through-
out initialization, and the function of the resistor configuration
pins is not disabled, the LT7170/LT7170-1 measure the clock
frequency and initialize the FREQUENCY_SWITCH command to
the measured frequency rounded to the nearest 100 kHz. In
this case, MFR_PWM_PHASE is set to 0°. Note that, unless
the functionality of the resistor configuration pins is disabled, an
external clock applied to the SYNC/PWM_CFG pin must be either
active or inactive throughout the entire LT7170/LT7170-1 initializa-
tion process. If the clock activity changes during initialization, for
example, if the clock starts after initialization begins but before it
completes, the frequency measurement may be inaccurate, which
can lead to the LT7170/LT7170-1 incorrectly initializing the FRE-
QUENCY_SWITCH command or declaring a pin configuration fault.
See the MFR_PIN_CONFIG_STATUS command in the LT7170/
LT7170-1 PMBus/I2C Reference Manual for more information re-
garding pin configuration faults.
SINGLE PHASE FOR THE LT7170
The LT7170 is a single-phase, monolithic, DC/DC synchronous,
step-down regulator that delivers up to 20 A of continuous output
current. A single phase drives the SW0 and SW1 pins tied to one
inductor to drive a single-regulated output supply.
For single-phase operation, connect the LT7170 SW0 and SW1
pins together and to a single inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com