Electronic Components Datasheet Search
  English  ▼

X  

SIL Datasheet(PDF) 1 Page - Meder Electronic

Part # SIL
Description  Single-In-Line Reed Relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

SIL Datasheet(HTML) 1 Page - Meder Electronic

  SIL Datasheet HTML 1Page - Meder Electronic SIL Datasheet HTML 2Page - Meder Electronic SIL Datasheet HTML 3Page - Meder Electronic SIL Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
198
MEDER electronic
www.meder.com
CHARACTERISTICS
SIL Series
Single-In-Line Reed Relays reduce the required
space to a minimum. Requiring only half the PCB
area of the DIP or DIL series, the SIL relays offer all
the advantages of Reed Technology.
• High resistance coils of up to 2000 Ω at 12 VDC
• Breakdown voltage coil / contact of up to 4.25 kVDC
• Contact form 1A, 1B or 1C
DESCRIPTION
DIMENSIONS
All dimensions in mm [inch]
PIN OUT
FEATURES
• Magnetic shield available
• High resistance version
• Other coil resistances available
• Option with coax screen for Z=50 Ohm
Impedance
5.9
20.6
[0.811]
[0.232]
Single-In-Line
Reed Relays
“+” by option with diode
7
5
3
11
35
7
+
+
1
3
+
5
7
2
71 Form 1A
71 Form 1B
51 Form 1C
View from top of component, 2.54mm [0.10”] pitch grid


Similar Part No. - SIL

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL MEDER-SIL Datasheet
511Kb / 4P
Single-In-Line
logo
Rhombus Industries Inc.
SIL-1.5-10 RHOMBUS-IND-SIL-1.5-10 Datasheet
28Kb / 1P
SIL2 Series Mini-SIP Passive Delay Modules
SIL-1.5-20 RHOMBUS-IND-SIL-1.5-20 Datasheet
28Kb / 1P
SIL2 Series Mini-SIP Passive Delay Modules
SIL-1.5-50 RHOMBUS-IND-SIL-1.5-50 Datasheet
28Kb / 1P
SIL2 Series Mini-SIP Passive Delay Modules
SIL-1.5-55 RHOMBUS-IND-SIL-1.5-55 Datasheet
28Kb / 1P
SIL2 Series Mini-SIP Passive Delay Modules
More results

Similar Description - SIL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23100-V4 MACOM-V23100-V4 Datasheet
73Kb / 3P
Dual In-line Package and Single In-line Package Dry Reed Relays
logo
List of Unclassifed Man...
HE751A0400 ETC1-HE751A0400 Datasheet
298Kb / 2P
DUAL-IN-LINE Reed Relay
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
MINIATURE REED RELAYS
logo
Coto Technology
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
Reed Relays
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
Reed Relays
logo
celduc-relais
D41A CELDUC-D41A Datasheet
132Kb / 2P
SINGLE IN LINE REED RELAY / 1 normally open contact
logo
Meder Electronic
1605185000 MEDER-1605185000 Datasheet
150Kb / 3P
Reed Relays
1612185000 MEDER-1612185000 Datasheet
166Kb / 3P
Reed Relays
1624185000 MEDER-1624185000 Datasheet
158Kb / 3P
Reed Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com