Electronic Components Datasheet Search
  English  ▼

X  

SIL Datasheet(PDF) 3 Page - Meder Electronic

Part # SIL
Description  Single-In-Line Reed Relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

SIL Datasheet(HTML) 3 Page - Meder Electronic

  SIL Datasheet HTML 1Page - Meder Electronic SIL Datasheet HTML 2Page - Meder Electronic SIL Datasheet HTML 3Page - Meder Electronic SIL Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
200
MEDER electronic
www.meder.com
All Data at 20° C
Switch Model →
Contact Form →
Switch 75
Form A
Switch 90
Form B/C
Contact Ratings
Conditions
Min. Typ. Max. Min. Typ. Max. Units
Switching Power
Any DC combination of V & A
not to exceed their individual
max.‘s
10
3
W
Switching Voltage
DC or peak AC
500
175
V
Switching Current
DC or peak AC
0.5
0.25
A
Carry Current
DC or peak AC
1.0
1.2
A
Static Contact Resistance
w/ 0.5 V & 10mA
200
150
mΩ
Dynamic Contact Resistance Measured w/ 0.5 V & 50mA ,
1.5 ms after closure
200
250
mΩ
Insulation Resistance across
Contacts
Across Contact
Coil - Contact
1013
109
1012
Ω
Breakdown Voltage across
Contact
Across Contact
Coil - Contact
1500*
1500
200
1500
VDC
Operate Time incl. Bounce
Nominal voltage
0.5
0.7
ms
Release Time
with no coil suppression
0.1
1.5
ms
Capacitance
Across Contact
Coil - Contact
0.4
2.0
1.0
4.0
pF
Life Expectance
Switch Voltage 5V - 10 mA
DC <10 pF stray cap.
500
100
106
Cycles
For other load requirements, see the life test section.
Environmental Data
Shock Resistance
1/2 sinus wave duration
11 ms
30
50
g
Vibration Resistance
From 10 - 2000 Hz
10
20
g
Ambient Temperature
10°C/ minute max. allowable
-20
70
-20
70
o
C
Stock Temperature
10°C/ minute max. allowable
-35
95
-35
95
o
C
Soldering Temperature
5 sec.
260
260
o
C
* 600 VDC with 5V coil, 1000 VDC with 12V coil.
RELAY DATA
Single-In-Line
Reed Relays
SIL Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com