Electronic Components Datasheet Search
  English  ▼

X  

SIL Datasheet(PDF) 4 Page - Meder Electronic

Part # SIL
Description  Single-In-Line Reed Relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

SIL Datasheet(HTML) 4 Page - Meder Electronic

  SIL Datasheet HTML 1Page - Meder Electronic SIL Datasheet HTML 2Page - Meder Electronic SIL Datasheet HTML 3Page - Meder Electronic SIL Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
201
MEDER electronic
www.meder.com
SIL Series
COIL DATA
Contact
Form
Switch
Model
Coil
Voltage
Coil
Resistance
Pull In
Voltage
Drop Out
Voltage
Nominal
Coil Power
All Data
at 20 °C
VDC
Ω
VDC
VDC
mW
Nom.
Max.
Min.
Typ.
Max.
Max.
Min.
Typ.
1A
31
5
7.5
72
80
88
3.5
0.75
312
12
16
450
500
550
8.4
1.8
288
72
75
5
7.5
450
(180)**
500
(200)
550
(220)
3.5
0.75
50
(125)
12
16
900
1000
1100
8.4
1.8
145
15
7.5
1800
2000
2200
10.5
2.2
110
24
30
1800
2000
2200
16.8
3.6
290
72
5 HR
7.5
900
1000
1100
3.5
0.75
25
12 HR
16
1800
2000
2200
8.4
1.8
70
3
4.5
450
500
550
2.1
0.45
18
1B
90
5
7.5
180
200
220
3.5
0.75
125
12
12
900
1000
1100
8.4
1.8
145
1C
90
5
7.5
180
200
220
3.5
0.75
125
* The pull-in / drop out voltages and coil resistance will change at the rate of 0,4 % / °C.
** Data in () are valid for switch models 75 and 84.
Single-In-Line
Reed Relays
L
= No option
M
= With magnetic shield
D
= With diode and
no magnetic shield
Q
= With diode and
with magnetic shield
Part Number Example
SIL12 - 1A72 - 71L
12 is the nominal voltage
1A is the contact form
72 is the switch model
L is the option
ORDER INFORMATION
OPTIONS
Series
Nominal
Voltage
Contact
Form
Switch
Model
Pin Out
Options
High
Resistance
Version
SIL
XX -
1 X
XX -
XX
X
XX
Options
03, 05, 12,
15, 24*
1 A
31, 72, 75
71
L, M, D, Q
05, 12
1A
72
71
L, M, D, Q
HR
05
1B
90
71
L, M, D, Q
05
1C
90
51
L, M, D, Q
*
Other coil resistance available. Please consult factory.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com