Electronic Components Datasheet Search
  English  ▼

X  

ADS8321 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS8321
Description  16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8321 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8321 Datasheet HTML 2Page - Texas Instruments ADS8321 Datasheet HTML 3Page - Texas Instruments ADS8321 Datasheet HTML 4Page - Texas Instruments ADS8321 Datasheet HTML 5Page - Texas Instruments ADS8321 Datasheet HTML 6Page - Texas Instruments ADS8321 Datasheet HTML 7Page - Texas Instruments ADS8321 Datasheet HTML 8Page - Texas Instruments ADS8321 Datasheet HTML 9Page - Texas Instruments ADS8321 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ADS8321
6
SBAS123B
www.ti.com
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VCC = +5V, VREF = +2.5V, fSAMPLE = 100kHz, fCLK = 24 • fSAMPLE, unless otherwise specified.
CHANGE IN BIPOLAR ZERO vs REFERENCE VOLTAGE
6.0
5.0
4.0
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
Reference Voltage (V)
5.0
4.0
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
–4.0
–5.0
CHANGE IN OFFSET vs TEMPERATURE
–50
0
50
100
Temperature (
°C)
REFERENCE CURRENT vs TEMPERATURE
70
60
50
40
30
20
10
–50
–25
0
25
50
75
100
Temperature (
°C)
5V
COMMON-MODE REJECTION RATIO vs FREQUENCY
90
80
70
60
50
40
30
20
10
0
1
10
100
1k
10k
100k
1M
Frequency (Hz)
V
CM = 1Vp-p Sinewave
5.0
4.0
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
–4.0
–5.0
CHANGE IN GAIN vs TEMPERATURE
–50
0
50
100
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com