Electronic Components Datasheet Search
  English  ▼

X  

ADS8321 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS8321
Description  16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8321 Datasheet(HTML) 1 Page - Texas Instruments

  ADS8321 Datasheet HTML 1Page - Texas Instruments ADS8321 Datasheet HTML 2Page - Texas Instruments ADS8321 Datasheet HTML 3Page - Texas Instruments ADS8321 Datasheet HTML 4Page - Texas Instruments ADS8321 Datasheet HTML 5Page - Texas Instruments ADS8321 Datasheet HTML 6Page - Texas Instruments ADS8321 Datasheet HTML 7Page - Texas Instruments ADS8321 Datasheet HTML 8Page - Texas Instruments ADS8321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DESCRIPTION
The ADS8321 is a 16-bit sampling analog-to-digital con-
verter (ADC) with tested specifications over a 4.75V to
5.25V supply range. It requires very little power even when
operating at the full 100kHz data rate. At lower data rates,
the high speed of the device enables it to spend most of its
time in the power-down mode—the average power dissipa-
tion is less than 1mW at 10kHz data rate.
The ADS8321 also features a synchronous serial (SPI/SSI
compatible) interface, and a differential input. The refer-
ence voltage can be set to any level within the range of
500mV to VCC/2.
Ultra-low power and small size make the ADS8321 ideal
for portable and battery-operated systems. It is also a
perfect fit for remote data acquisition modules, simulta-
neous multi-channel systems, and isolated data acquisi-
tion. The ADS8321 is available in an MSOP-8 package.
16-Bit, High Speed, MicroPower Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q BIPOLAR INPUT RANGE
q 100kHz SAMPLING RATE
q MICRO POWER:
4.5mW at 100kHz
1mW at 10kHz
q POWER DOWN: 3
µA max
q MSOP-8 PACKAGE
q PIN-COMPATIBLE TO ADS7816 AND ADS7822
q SERIAL (SPI/SSI) INTERFACE
APPLICATIONS
q BATTERY OPERATED SYSTEMS
q REMOTE DATA ACQUISITION
q ISOLATED DATA ACQUISITION
q SIMULTANEOUS SAMPLING,
MULTI-CHANNEL SYSTEMS
q INDUSTRIAL CONTROLS
q ROBOTICS
q VIBRATION ANALYSIS
SAR
Serial
Interface
Comparator
ADS8321
S/H Amp
DCLOCK
D
OUT
CS/SHDN
+In
V
REF
–In
CDAC
ADS8321
SBAS123B – SEPTEMBER 1999 – REVISED SEPTEMBER 2004
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1999-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - ADS8321

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321 Datasheet
858Kb / 20P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321E BURR-BROWN-ADS8321E Datasheet
100Kb / 12P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321E/250 BURR-BROWN-ADS8321E/250 Datasheet
604Kb / 18P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8321

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com