Electronic Components Datasheet Search
  English  ▼

X  

ADS8321 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS8321
Description  16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8321 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8321 Datasheet HTML 3Page - Texas Instruments ADS8321 Datasheet HTML 4Page - Texas Instruments ADS8321 Datasheet HTML 5Page - Texas Instruments ADS8321 Datasheet HTML 6Page - Texas Instruments ADS8321 Datasheet HTML 7Page - Texas Instruments ADS8321 Datasheet HTML 8Page - Texas Instruments ADS8321 Datasheet HTML 9Page - Texas Instruments ADS8321 Datasheet HTML 10Page - Texas Instruments ADS8321 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ADS8321
7
SBAS123B
www.ti.com
THEORY OF OPERATION
The ADS8321 is a classic Successive Approximation Reg-
ister (SAR) analog-to-digital converter (ADC). The archi-
tecture is based on capacitive redistribution which inherently
includes a sample/hold function. The converter is fabricated
on a 0.6
µ CMOS process. The architecture and process
allow the ADS8321 to acquire and convert an analog signal
at up to 100,000 conversions per second while consuming
less than 5.5mW from +VCC.
The ADS8321 requires an external reference, an external
clock, and a single power source (VCC). The external refer-
ence can be any voltage between 500mV and VCC/2. The
value of the reference voltage directly sets the range of the
analog input. The reference input current depends on the
conversion rate of the ADS8321.
The external clock can vary between 24kHz (1kHz through-
put) and 2.4MHz (100kHz throughput). The duty cycle of
the clock is essentially unimportant as long as the minimum
high and low times are at least 200ns (4.75V or greater). The
minimum clock frequency is set by the leakage on the
capacitors internal to the ADS8321.
The analog input is provided to two input pins: +In and –In.
When a conversion is initiated, the differential input on these
pins is sampled on the internal capacitor array. While a
conversion is in progress, both inputs are disconnected from
any internal function.
The digital result of the conversion is clocked out by the
DCLOCK input and is provided serially, most significant bit
first, on the DOUT pin. The digital data that is provided on the
DOUT pin is for the conversion currently in progress—there
is no pipeline delay. It is possible to continue to clock the
ADS8321 after the conversion is complete and to obtain the
serial data least significant bit first. See the digital timing
section for more information.
ANALOG INPUT
The analog input is bipolar and fully differential. There are
two general methods of driving the analog input of the
ADS8321: single-ended or differential (see Figure 1). When
the input is single-ended, the –In input is held at a fixed
voltage. The +In input swings around the same voltage and
the peak-to-peak amplitude is 2 • VREF. The value of VREF
determines the range over which the common voltage may
vary (see Figure 2).
When the input is differential, the amplitude of the input is
the difference between the +In and –In input, or; +In – (–In).
A voltage or signal is common to both of these inputs. The
peak-to-peak amplitude of each input is VREF about this
common voltage. However, since the inputs are 180
°C out-
of-phase, the peak-to-peak amplitude of the difference volt-
age is 2 • VREF. The value of VREF also determines the range
of the voltage that may be common to both inputs (see
Figure 3).
In each case, care should be taken to ensure that the output
impedance of the sources driving the +In and –In inputs are
matched. If this is not observed, the two inputs could have
ADS8321
ADS821
Single-Ended Input
Common
Voltage
2 • V
REF
peak-to-peak
Differential Input
Common
Voltage
V
REF
peak-to-peak
V
REF
peak-to-peak
FIGURE 1. Methods of Driving the ADS8321—Single-Ended
or Differential.
FIGURE 2. Single-Ended Input—Common Voltage Range
vs VREF.
0.0
0.5
1.0
1.5
2.0
2.5
V
REF (V)
–1
0
1
2
3
4
5
2.8
2.2
–0.3
4.0
V
CC = 5V
Single-Ended Input
FIGURE 3. Differential Input—Common Voltage Range vs
VREF.
0.0
0.5
1.0
1.5
2.0
2.5
V
REF (V)
2.75
V
CC = 5V
1.95
4.0
–0.3
–1
0
1
2
3
4
5
Differential Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com