Electronic Components Datasheet Search
  English  ▼

X  

ADS7817EB Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS7817EB
Description  12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7817EB Datasheet(HTML) 3 Page - Texas Instruments

  ADS7817EB Datasheet HTML 1Page - Texas Instruments ADS7817EB Datasheet HTML 2Page - Texas Instruments ADS7817EB Datasheet HTML 3Page - Texas Instruments ADS7817EB Datasheet HTML 4Page - Texas Instruments ADS7817EB Datasheet HTML 5Page - Texas Instruments ADS7817EB Datasheet HTML 6Page - Texas Instruments ADS7817EB Datasheet HTML 7Page - Texas Instruments ADS7817EB Datasheet HTML 8Page - Texas Instruments ADS7817EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ADS7817
3
SBAS066A
ELECTRICAL CHARACTERISTICS
At –40
°C to +85°C, +V
CC = +5V, VREF = +2.5V, fSAMPLE = 200kHz, fCLK = 16 • fSAMPLE, –In = +2.5V, unless otherwise specified.
ADS7817
ADS7817B
ADS7817C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Input Span
+In – (–In)
–VREF
+VREF
✻✻
✻✻
V
Absolute Input Voltage
+In
–0.3
VCC +0.3
✻✻
✻✻
V
–In
–0.3
4
✻✻
✻✻
V
Capacitance
15
✻✻
pF
Leakage Current
±1
✻✻
µA
SYSTEM PERFORMANCE
Resolution
12
✻✻
Bits
No Missing Codes
11
12
✻
Bits
Integral Linearity Error
±1
±2
±0.8
±2
±0.5
±1
LSB(1)
Differential Linearity Error
±1
±2
±0.7
±1
±0.4
±1
LSB
Offset Error
±1
±6
✻✻
✻✻
LSB
Gain Error
±0.5
±4
✻✻
✻✻
LSB
Noise
63
✻✻
µVrms
Common-Mode Rejection
80
✻✻
dB
Power Supply Rejection
82
✻✻
dB
SAMPLING DYNAMICS
Conversion Time
12
✻✻
Clk Cycles
Acquisition Time
1.5
✻✻
Clk Cycles
Throughput Rate
200
✻✻
kHz
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion
VIN = 5.0Vp-p at 1kHz
–83
✻✻
dB
VIN = 5.0Vp-p at 5kHz
–81
✻✻
dB
SINAD
VIN = 5.0Vp-p at 1kHz
71
✻✻
dB
Spurious Free Dynamic Range
VIN = 5.0Vp-p at 1kHz
86
✻✻
dB
REFERENCE INPUT
Voltage Range
0.1
2.5
✻✻
✻✻
V
Resistance
CS = VCC
5
✻✻
G
Ω
CS = GND, fSAMPLE = 0Hz
5
✻✻
G
Ω
Current Drain
At Code FF8h
20
100
✻✻
✻✻
µA
fSAMPLE = 12.5kHz
1.3
20
✻✻
✻✻
µA
CS = VCC
0.001
3
✻✻
✻✻
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
✻✻
Logic Levels:
VIH
IIH = +5µA3
+VCC +0.3
✻✻
✻✻
V
VIL
IIL = +5µA
–0.3
0.8
✻✻
✻✻
V
VOH
IOH = –250µA
3.5
✻✻
V
VOL
IOL = 250µA
0.4
✻✻
V
Data Format
Binary Two’s Complement
✻✻
POWER SUPPLY REQUIREMENTS
VCC
Specified Performance
4.75
5.25
✻✻
✻✻
V
Quiescent Current
460
800
✻✻
✻✻
µA
fSAMPLE = 12.5kHz(2, 3)
40
✻✻
µA
fSAMPLE = 12.5kHz(3)
330
✻✻
µA
Power Down
CS =VCC, fSAMPLE = 0Hz
3
✻✻
µA
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
✻✻
°C
✻ Specifications same as ADS7817.
NOTE: (1) LSB means Least Significant Bit, with VREF equal to +2.5V, one LSB is 1.22mV. (2) fCLK = 3.2MHz, CS = VCC for 241 clock cycles out of every 256.
(3) See the Power Dissipation section for more information regarding lower sample rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com