Electronic Components Datasheet Search
  English  ▼

X  

ADS7817EB Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS7817EB
Description  12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7817EB Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7817EB Datasheet HTML 2Page - Texas Instruments ADS7817EB Datasheet HTML 3Page - Texas Instruments ADS7817EB Datasheet HTML 4Page - Texas Instruments ADS7817EB Datasheet HTML 5Page - Texas Instruments ADS7817EB Datasheet HTML 6Page - Texas Instruments ADS7817EB Datasheet HTML 7Page - Texas Instruments ADS7817EB Datasheet HTML 8Page - Texas Instruments ADS7817EB Datasheet HTML 9Page - Texas Instruments ADS7817EB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADS7817
6
SBAS066A
TIMING CHARACTERISTICS (Cont.)
At TA = +25°C, VCC = +5V, VREF = +2.5V, fSAMPLE = 200kHz, and fCLK = 16 • fSAMPLE, –In = +2.5V, unless otherwise specified.
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
–0.75
–1.00
INTEGRAL LINEARITY ERROR vs CODE
Hex BTC Code
800
000
7FF
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
–0.75
–1.00
DIFFERENTIAL LINEARITY ERROR vs CODE
Hex BTC Code
800
000
7FF
CHANGE IN INTEGRAL LINEARITY AND DIFFERENTIAL
LINEARITY vs REFERENCE VOLTAGE
0.10
0.05
0.00
–0.05
–0.10
–0.15
–0.20
1
1.25
1.75
1.5
2.0
2.25
2.5
Reference Voltage (V)
Change in Differential
Linearity (LSB)
Change in Integral
Linearity (LSB)
INPUT LEAKAGE CURRENT vs TEMPERATURE
10
1
0.1
0.01
–50
–25
0
25
50
75
100
Temperature (°C)
SUPPLY CURRENT vs TEMPERATURE
600
550
500
450
400
350
300
–50
–25
0
25
50
75
100
Temperature (°C)
POWER DOWN SUPPLY CURRENT
vs TEMPERATURE
3
2.5
2
1.5
1
0.5
0
–50
–25
0
25
50
75
100
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com