Electronic Components Datasheet Search
  English  ▼

X  

ADS7817EB Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7817EB
Description  12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7817EB Datasheet(HTML) 5 Page - Texas Instruments

  ADS7817EB Datasheet HTML 1Page - Texas Instruments ADS7817EB Datasheet HTML 2Page - Texas Instruments ADS7817EB Datasheet HTML 3Page - Texas Instruments ADS7817EB Datasheet HTML 4Page - Texas Instruments ADS7817EB Datasheet HTML 5Page - Texas Instruments ADS7817EB Datasheet HTML 6Page - Texas Instruments ADS7817EB Datasheet HTML 7Page - Texas Instruments ADS7817EB Datasheet HTML 8Page - Texas Instruments ADS7817EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ADS7817
5
SBAS066A
TIMING CHARACTERISTICS (Cont.)
At TA = +25°C, VCC = +5V, VREF = +2.5V, fSAMPLE = 200kHz, and fCLK = 16 • fSAMPLE, –In = +2.5V, unless otherwise specified.
73
72
71
70
69
68
67
SIGNAL-TO-NOISE RATIO AND
SIGNAL-TO-(NOISE+DISTORTION)
vs INPUT FREQUENCY
Input Frequency (kHz)
1
10
100
SNR
SINAD
80
70
60
50
40
30
20
10
SIGNAL-TO-(NOISE+DISTORTION)
vs INPUT LEVEL
Input Level (dB)
–60
–50
–40
–30
–10
–20
0
POWER SUPPLY REJECTION vs RIPPLE FREQUENCY
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
1
10
100
1000
10000
Ripple Frequency (kHz)
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 9.9kHz, –0.5dB)
0
–20
–40
–60
–80
–100
–120
0
255075
100
Frequency (kHz)
95
90
85
80
75
70
65
SPURIOUS FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
Input Frequency (kHz)
110
100
–95
–90
–85
–80
–75
–70
–65
SFDR
THD
CHANGE IN INTEGRAL LINEARITY and DIFFERENTIAL
LINEARITY vs SAMPLE RATE
1.5
1.0
0.5
0
–0.5
0
80
160
240
320
400
Sample Rate (kHz)
Change in Integral
Linearity (LSB)
Change in Differential
Linearity (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com