Electronic Components Datasheet Search
  English  ▼

X  

BQ2004 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2004
Description  Fast-Charge IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2004 Datasheet(HTML) 2 Page - Texas Instruments

  BQ2004 Datasheet HTML 1Page - Texas Instruments BQ2004 Datasheet HTML 2Page - Texas Instruments BQ2004 Datasheet HTML 3Page - Texas Instruments BQ2004 Datasheet HTML 4Page - Texas Instruments BQ2004 Datasheet HTML 5Page - Texas Instruments BQ2004 Datasheet HTML 6Page - Texas Instruments BQ2004 Datasheet HTML 7Page - Texas Instruments BQ2004 Datasheet HTML 8Page - Texas Instruments BQ2004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Pin Descriptions
DCMD
Discharge-before-charge control input
The DCMD input controls the conditions
that enable discharge-before-charge. DCMD
is pulled up internally.
A negative-going
pulse on DCMD initiates a discharge to end-
of-discharge voltage (EDV) on the BAT pin,
followed by a new charge cycle start. Tying
DCMD to ground enables automatic
discharge-before-charge on every new charge
cycle start.
DSEL
Display select input
This three-state input configures the charge
status display mode of the LED1 and LED2
outputs. See Table 2.
VSEL
Voltage termination select input
This three-state input controls the voltage-
termination technique used by the bq2004.
When high, PVD is active.
When floating,
-
∆V is used. When pulled low, both PVD and
-
∆V are disabled.
TM1–
TM2
Timer mode inputs
TM1 and TM2 are three-state inputs that
configure the fast charge safety timer, voltage
termination hold-off time, “top-off”, and
trickle charge control. See Table 1.
TCO
Temperature cut-off threshold input
Input to set maximum allowable battery
temperature.
If the potential between TS
and SNS is less than the voltage at the TCO
input, then fast charge or top-off charge is ter-
minated.
TS
Temperature sense input
Input, referenced to SNS,
for an external
thermister monitoring battery temperature.
BAT
Battery voltage input
BAT is the battery voltage sense input, refer-
enced to SNS.
This is created by a high-
impedance resistor-divider network con-
nected between the positive and the negative
terminals of the battery.
SNS
Charging current sense input
SNS controls the switching of MOD based on
an external sense resistor in the current
path of the battery. SNS is the reference po-
tential for both the TS and BAT pins.
If
SNS is connected to VSS, then MOD switches
high at the beginning of charge and low at
the end of charge.
LED1–
LED2
Charge status outputs
Push-pull outputs indicating charging
status. See Table 2.
VSS
Ground
VCC
VCC supply input
5.0V,
±10% power input.
MOD
Charge current control output
MOD is a push-pull output that is used to
control the charging current to the battery.
MOD switches high to enable charging cur-
rent to flow and low to inhibit charging
current flow.
DIS
Discharge control output
Push-pull output used to control an external
transistor to discharge the battery before
charging.
INH
Charge inhibit input
When low, the bq2004 suspends all charge
actions, drives all outputs to high imped-
ance, and assumes a low-power operational
state. When transitioning from low to high,
a new charge cycle is started.
2
bq2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com