Electronic Components Datasheet Search
  English  ▼

X  

BQ2004 Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ2004
Description  Fast-Charge IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2004 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ2004 Datasheet HTML 8Page - Texas Instruments BQ2004 Datasheet HTML 9Page - Texas Instruments BQ2004 Datasheet HTML 10Page - Texas Instruments BQ2004 Datasheet HTML 11Page - Texas Instruments BQ2004 Datasheet HTML 12Page - Texas Instruments BQ2004 Datasheet HTML 13Page - Texas Instruments BQ2004 Datasheet HTML 14Page - Texas Instruments BQ2004 Datasheet HTML 15Page - Texas Instruments BQ2004 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Package Option:
PN = 16-pin narrow plastic DIP
SN = 16-pin narrow SOIC
Device:
bq2004 Fast-Charge IC
bq2004
Notes:
Change 1 = Apr. 1994 B “Final” changes from Dec. 1993 A “Preliminary.”
Change 2 = Sept. 1996 C changes from Apr. 1994 B.
Change 3 = April 1997 C changes from Sept. 1996 C.
Change 4 = Oct. 1997 D changes from April 1997 C.
Change 5 = Jan. 1998 E changes from Oct. 1997 D.
Change 6 = June 1999 F changes from Jan. 1998 E.
Change 7 = Feb. 2001 G changes from June 1999 F.
Ordering Information
bq2004
Change 8 = Apr. 2005 H changes from Feb. 2001 G.
12
Data Sheet RevisionHistory
Change No.
Page No.
Description
Nature of Change
1
10
Standby current ISB
Was 5 A max; is 1 A max
29
VBSNSLO Rating
Was: VSNSHI - (0.01 * VCC)
Is: 0.04 * VCC
2
7
Correction in Peak Voltage Detect Termination section Was VCELL;is VBAT
2
3
Added block diagram
Diagram insertion
2
7
Added VSEL/terminationtable
Table insertion
2
8
Added values to Table 3
Top-off rate values
3
7
VSEL/Termination
Low, High changed
4
All
Revised and expanded format of this data sheet
Clarification
59
Corrected VHTF rating
Was: (1/3 VLTF) + (2/3 VTCO)
Is: (1/4 VLTF) + (3/4 VTCO)
69
TOPR
Deleted industrial tempera-
ture range
79
Corrected VHTF DC threshold
Was: (1/4 * VLTF) + (2/3 * VTCO)
Is: (1/4 * VLTF) + (3/4 * VTCO)
89
Corrected VSNSLO tolerance
Was: ±0.010
Is: ±0.025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com