Electronic Components Datasheet Search
  English  ▼

X  

BQ2004 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2004
Description  Fast-Charge IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2004 Datasheet(HTML) 4 Page - Texas Instruments

  BQ2004 Datasheet HTML 1Page - Texas Instruments BQ2004 Datasheet HTML 2Page - Texas Instruments BQ2004 Datasheet HTML 3Page - Texas Instruments BQ2004 Datasheet HTML 4Page - Texas Instruments BQ2004 Datasheet HTML 5Page - Texas Instruments BQ2004 Datasheet HTML 6Page - Texas Instruments BQ2004 Datasheet HTML 7Page - Texas Instruments BQ2004 Datasheet HTML 8Page - Texas Instruments BQ2004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Fast Charging
Top-Off
(Optional)
TD200401a.eps
Dis-
charge
(Optional)
Charge
Pending*
(Pulse-Trickle)
DIS
MOD
MOD
Mode 1, LED2 Status Output
Discharge-Before-Charge started
or
Battery discharged to 0.4 * VCC. Battery outside
temperature/voltage limits.
Battery within temperature/voltage limits.
Pulse-Trickle
Switch-mode
Configuration
External
Regulation
(SNS Grounded)
Mode 1, LED1 Status Output
Mode 2, LED2 Status Output
Mode 2, LED1 Status Output
Mode 3, LED2 Status Output
Mode 3, LED1 Status Output
260 s
2080 s
260 s
2080 s
260 s
Note*
260 s
Note*
*See Table 3 for pulse-trickle period.
Figure 2. Charge Cycle Phases
bq2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com