Electronic Components Datasheet Search
  English  ▼

X  

CD4066B Datasheet(PDF) 2 Page - Texas Instruments

Part # CD4066B
Description  CMOS QUAD BILATERAL SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4066B Datasheet(HTML) 2 Page - Texas Instruments

  CD4066B Datasheet HTML 1Page - Texas Instruments CD4066B Datasheet HTML 2Page - Texas Instruments CD4066B Datasheet HTML 3Page - Texas Instruments CD4066B Datasheet HTML 4Page - Texas Instruments CD4066B Datasheet HTML 5Page - Texas Instruments CD4066B Datasheet HTML 6Page - Texas Instruments CD4066B Datasheet HTML 7Page - Texas Instruments CD4066B Datasheet HTML 8Page - Texas Instruments CD4066B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
† All control inputs are protected by the CMOS protection network.
NOTES: A.All p substrates are connected to V DD.
B. Normal operation control-line biasing: switch on (logic 1), VC = VDD; switch off (logic 0), VC = VSS
C. Signal-level range: VSS V
≤ is ≤ VDD
Control
VC†
VDD
VSS
VSS
n
n
p
Out
Vos
Control
Switch
In
n
p
Vis
CD4066B-Q1
SCHS383
– APRIL 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
PACKAGE
PART NUMBER
MARKING
–40°C to 125°C
SOIC
– D
Reel of 2500
CD4066BQDRQ1
CD4066BQ
Figure 1. Schematic Diagram of One-of-Four Identical Switches and Associated Control Circuitry
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :CD4066B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com