Electronic Components Datasheet Search
  English  ▼

X  

CD4066B Datasheet(PDF) 11 Page - Texas Instruments

Part # CD4066B
Description  CMOS QUAD BILATERAL SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4066B Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4066B Datasheet HTML 7Page - Texas Instruments CD4066B Datasheet HTML 8Page - Texas Instruments CD4066B Datasheet HTML 9Page - Texas Instruments CD4066B Datasheet HTML 10Page - Texas Instruments CD4066B Datasheet HTML 11Page - Texas Instruments CD4066B Datasheet HTML 12Page - Texas Instruments CD4066B Datasheet HTML 13Page - Texas Instruments CD4066B Datasheet HTML 14Page - Texas Instruments CD4066B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CD4066B-Q1
www.ti.com
SCHS383
– APRIL 2011
APPLICATION INFORMATION
In applications that employ separate power sources to drive VDD and the signal inputs, the VDD current capability
should exceed VDD/RL (RL = effective external load of the four CD4066B-Q1 bilateral switches). This provision
avoids any permanent current flow or clamp action on the VDD supply when power is applied or removed from the
CD4066B-Q1.
In certain applications, the external load-resistor current can include both VDD and signal-line components. To
avoid drawing VDD current when switch current flows into terminals 1, 4, 8, or 11, the voltage drop across the
bidirectional switch must not exceed 0.8 V (calculated from ron values shown).
No VDD current will flow through RL if the switch current flows into terminals 2, 3, 9, or 10.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :CD4066B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com