Electronic Components Datasheet Search
  English  ▼

X  

CD4066B Datasheet(PDF) 4 Page - Texas Instruments

Part # CD4066B
Description  CMOS QUAD BILATERAL SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4066B Datasheet(HTML) 4 Page - Texas Instruments

  CD4066B Datasheet HTML 1Page - Texas Instruments CD4066B Datasheet HTML 2Page - Texas Instruments CD4066B Datasheet HTML 3Page - Texas Instruments CD4066B Datasheet HTML 4Page - Texas Instruments CD4066B Datasheet HTML 5Page - Texas Instruments CD4066B Datasheet HTML 6Page - Texas Instruments CD4066B Datasheet HTML 7Page - Texas Instruments CD4066B Datasheet HTML 8Page - Texas Instruments CD4066B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
,
V
DD
V
SS
2
,
2
CD4066B-Q1
SCHS383
– APRIL 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
LIMITS AT INDICATED TEMPERATURES
25
°C
UNIT
VIN
VDD
PARAMETER
TEST CONDITIONS
–40°C
125
°C
(V)
(V)
TYP
MAX
0.5
5
0.25
7.5
0.01
0.25
0.10
10
0.5
15
0.01
0.5
IDD
Quiescent device current
µA
0.15
15
1
30
0.01
1
0.20
20
5
150
0.02
5
SIGNAL INPUTS (Vis) AND OUTPUTS (Vos)
VC = VDD, RL = 10 kΩ returned
5
850
1300
470
1050
10
330
550
180
400
ron
On-state resistance (max)
Ω
to
15
210
320
125
240
Vis = VSS to VDD
5
15
On-state resistance
Δron
difference between any two
RL = 10 kΩ, VC = VDD
10
10
Ω
switches
15
5
VC = VDD = 5 V, VSS = –5 V,
THD
Total harmonic distortion
Vis(p-p) = 5 V (sine wave centered on 0 V),
0.4%
RL = 10 kΩ, fis = 1-kHz sine wave
3-dB cutoff frequency
VC = VDD = 5 V, VSS = –5 V, Vis(p-p) = 5 V
40
MHz
(switch on)
(sine wave centered on 0 V), RL = 1 kΩ
–50-dB feedthrough
VC = VSS = –5 V, Vis(p-p) = 5 V
1
MHz
frequency (switch off)
(sine wave centered on 0 V), RL = 1 kΩ
Input/output leakage current
VC = 0 V, Vis = 18 V, Vos = 0 V; and VC = 0 V,
Iis
18
±0.1
±1
±0.1
µA
±10-5
(switch off) (max)
Vis = 0 V, Vos = 18 V
VC(A) = VDD = 5 V,
–50-dB crosstalk frequency
VC(B) = VSS = -5 V,
8
MHz
Vis(A) = 5 Vp-p, 50-Ω source, RL = 1 kΩ
5
20
40
RL = 200 kΩ, VC = VDD, VSS = GND,
Propagation delay (signal
tpd
CL = 50 pF, Vis = 10 V
10
10
20
ns
input to signal output)
(square wave centered on 5 V), tr, tf = 20 ns
15
7
15
Cis
Input capacitance
VDD = 5 V, VC = VSS = –5 V
8
pF
Cos
Output capacitance
VDD = 5 V, VC = VSS = –5 V
8
pF
Cios
Feedthrough
VDD = 5 V, VC = VSS = –5 V
0.5
pF
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :CD4066B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com