Electronic Components Datasheet Search
  English  ▼

X  

0831916 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0831916
Description  LS-EMSP-AL (90X60) BK CUS - Device marker
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0831916 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0831916 Datasheet HTML 1Page - PHOENIX CONTACT 0831916 Datasheet HTML 2Page - PHOENIX CONTACT 0831916 Datasheet HTML 3Page - PHOENIX CONTACT 0831916 Datasheet HTML 4Page - PHOENIX CONTACT 0831916 Datasheet HTML 5Page - PHOENIX CONTACT 0831916 Datasheet HTML 6Page - PHOENIX CONTACT 0831916 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Ethanol (99 %)
[CAS No. 64-17-5]
Test passed
Acetone (99 %)
[CAS No. 67-64-1]
Test passed
Specification
ISO 175:2010 (following)
Test duration
168 h
Ethanol (99 %)
[CAS No. 64-17-5]
Test passed
Acetone (99 %)
[CAS No. 67-64-1]
Test passed
IRM 901
Test passed
IRM 902
Test passed
Testing in a condensation changing climate in the presence of sulfur dioxide
Specification
DIN 50018:2013-05
Result
Test passed
Climate level
AHT 1.0 S
Cycles
2
Salt spray test
Specification
DIN EN 60068-2-11:2000-02
Result
Test passed
Test duration
96 h
Salt spray test
Specification
ISO 9227:2012-05
Result
Test passed
Test duration
336 h
High pressure test
Specification
ISO 20653:2013-02
Result
Test passed
Ambient conditions
Ambient temperature (operation)
-25 °C ... 70 °C (At temperatures above 80 °C there might be a
slight change to the material surface)
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Mounting
Mounting type
screw, rivet
Material specifications
RoHS compliant
yes
Color
black (RAL 9005)
Material
Aluminum
Components
free from silicone, halogen, and cadmium
LS-EMSP-AL (90X60) BK CUS - Device marker
0831916
https://www.phoenixcontact.com/us/products/0831916
Jun 5, 2025, 4:25AM
Page 3 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com