Electronic Components Datasheet Search
  English  ▼

X  

0831916 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0831916
Description  LS-EMSP-AL (90X60) BK CUS - Device marker
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0831916 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0831916 Datasheet HTML 1Page - PHOENIX CONTACT 0831916 Datasheet HTML 2Page - PHOENIX CONTACT 0831916 Datasheet HTML 3Page - PHOENIX CONTACT 0831916 Datasheet HTML 4Page - PHOENIX CONTACT 0831916 Datasheet HTML 5Page - PHOENIX CONTACT 0831916 Datasheet HTML 6Page - PHOENIX CONTACT 0831916 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device marker, Aluminum label, can be ordered: Piece, black, labeled according to customer
specifications, mounting type: screw, rivet, Number of individual labels: 2, text field height: 60
mm, text field width: 90 mm
Your advantages
Aluminum equipment marking for screwing or riveting
•
Identification made from metal, high strength in a lightweight design
•
Increased durability due to the decoratively anodized surface
•
Commercial data
Item number
0831916
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG814D
Catalog page
Page 251 (NTK-2014)
GTIN
4046356930536
Weight per piece (including packing)
9.99 g
Weight per piece (excluding packing)
9.99 g
Country of origin
PL
LS-EMSP-AL (90X60) BK CUS - Device marker
0831916
https://www.phoenixcontact.com/us/products/0831916
Jun 5, 2025, 4:25AM
Page 1 (7)


Similar Part No. - 0831916

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0831912 PHOENIX-0831912 Datasheet
197Kb / 7P
LS-EMSP-AL (39X15) BK CUS - Device marker
0831913 PHOENIX-0831913 Datasheet
195Kb / 7P
LS-EMSP-AL (50X15) BK CUS - Device marker
0831914 PHOENIX-0831914 Datasheet
194Kb / 7P
LS-EMSP-AL (50X30) BK CUS - Device marker
0831915 PHOENIX-0831915 Datasheet
194Kb / 7P
LS-EMSP-AL (75,6X54) BK CUS - Device marker
0831917 PHOENIX-0831917 Datasheet
192Kb / 7P
LS-EMSP-AL (110X80) BK CUS - Device marker
More results

Similar Description - 0831916

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802937 PHOENIX-0802937 Datasheet
53Kb / 2P
Device marker - US-EMSP (90X60) RD
0830502 PHOENIX-0830502 Datasheet
52Kb / 2P
Equipment marking - EMSP-AL (50X30)
0830504 PHOENIX-0830504 Datasheet
45Kb / 3P
Equipment marking - EMSP-AL (90X60)
0830508 PHOENIX-0830508 Datasheet
51Kb / 2P
Device marker - EMLP-AL (27X15)
0830509 PHOENIX-0830509 Datasheet
46Kb / 3P
Device marker - EMLP-AL (27X18)
0830511 PHOENIX-0830511 Datasheet
46Kb / 3P
Device marker - EMLP-AL (49X15)
0830512 PHOENIX-0830512 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X15)
0830513 PHOENIX-0830513 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X30)
0830514 PHOENIX-0830514 Datasheet
46Kb / 3P
Device marker - EMLP-AL (85,6X54)
0830515 PHOENIX-0830515 Datasheet
52Kb / 2P
Device marker - EMLP-AL (100X60)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com