Electronic Components Datasheet Search
  English  ▼

X  

0831916 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 0831916
Description  LS-EMSP-AL (90X60) BK CUS - Device marker
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0831916 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  0831916 Datasheet HTML 1Page - PHOENIX CONTACT 0831916 Datasheet HTML 2Page - PHOENIX CONTACT 0831916 Datasheet HTML 3Page - PHOENIX CONTACT 0831916 Datasheet HTML 4Page - PHOENIX CONTACT 0831916 Datasheet HTML 5Page - PHOENIX CONTACT 0831916 Datasheet HTML 6Page - PHOENIX CONTACT 0831916 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IRM 901
Test passed
IRM 902
Test passed
Testing in a condensation changing climate in the presence of sulfur dioxide
Specification
DIN 50018:2013-05
Result
Test passed
Climate level
AHT 1.0 S
Cycles
2
Salt spray test
Specification
DIN EN 60068-2-11:2000-02
Result
Test passed
Test duration
96 h
Salt spray test
Specification
ISO 9227:2012-05
Result
Test passed
Test duration
336 h
High pressure test
Specification
ISO 20653:2013-02
Result
Test passed
Ambient conditions
Ambient temperature (operation)
-25 °C ... 70 °C (At temperatures above 80 °C there might be a
slight change to the material surface)
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Dimensions
Width
100 mm
Length
60 mm
Hole diameter
3.20 mm
Material strength
0.80 mm
Text field
Text field width
90 mm
Text field height
60 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
LS-EMSP-AL (90X60) BK CUS - Device marker
0831916
https://www.phoenixcontact.com/us/products/0831916
Jun 5, 2025, 4:25AM
Page 5 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com