Electronic Components Datasheet Search
  English  ▼

X  

DRC-0807 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # DRC-0807
Description  Radial Coil Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

DRC-0807 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  DRC-0807 Datasheet HTML 1Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 2Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 3Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 4Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2023 Signal Transformer
Specifications subject to change without notice
DRC Series Aug 16 2023
DRC-0608 / DRC-0707 / DRC-0807 Series Datasheet
RoHS
Compliant
ELECTRICAL SPECIFICATIONS
Electrical specifications for all part numbers measured at 25°C unless stated otherwise.
Electrical specifications for all part numbers measured at 25°C unless stated otherwise.
DRC-0608 SERIES
Part Number
L
@ 1 kHz
(µH)
Q
Min.
Q
Test Freq.
(MHz)
DCR
Max.
(Ω)
Rated Current
Max
(mA)
DRC-0608-4R7J-UL
4.7
20
7.96
0.020
3000
DRC-0608-100J-UL
10
30
2.52
0.039
2000
DRC-0608-220K-UL
22
30
2.52
0.062
1400
DRC-0608-330K-UL
33
30
2.52
0.10
1100
DRC-0608-470K-UL
47
30
2.52
0.15
950
DRC-0608-101J-UL
100
20
0.796
0.35
650
DRC-0608-221J-UL
220
20
0.796
0.90
440
DRC-0608-471J-UL
470
20
0.796
1.80
300
DRC-0608-222J-UL
2200
70
0.252
6.8
140
DRC-0608-332J-UL
3300
70
0.252
10.5
115
DRC-0608-472J-UL
4700
70
0.252
13.6
95
DRC-0608-822J-UL
8200
70
0.252
25.2
70
DRC-0608-103J-UL
10000
70
0.0796
29.5
65
DRC-0608-223J-UL
22000
50
0.0796
80.0
45
DRC-0608-333J-UL
33000
50
0.0796
98.5
35
DRC-0608-473J-UL
47000
50
0.0796
160
30
Note: Rated Current is the
I sat (Saturation Current) or the I rms (Temperature Rise Current). Whichever value is lower.
DRC-0707 SERIES
Part Number
L
@ 1 kHz
(µH)
Q
Min.
Q
Test Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Saturation
Current
Max
(A)
Temperature
Rise Current
Max
(A)
DRC-0707-100K-UL
10
20
2.52
19
0.043
2.1
1.9
DRC-0707-150K-UL
15
20
2.52
15
0.056
1.7
1.6
DRC-0707-331J-UL
330
20
0.796
2.5
1.10
0.36
0.37
DRC-0807 SERIES
Part Number
L
@ 1 kHz
(µH)
Q
Min.
Q
Test Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Saturation
Current
Max
(A)
Temperature
Rise Current
Max
(A)
DRC-0807-3R3M-UL
3.3
10
7.96
38
0.013
3.8
3.4
DRC-0807-100K-UL
10
20
2.52
19
0.031
2.5
2.2
DRC-0807-150J-UL
15
20
2.52
15
0.042
2.0
1.9
DRC-0807-220J-UL
22
20
2.52
12
0.070
1.6
1.5
DRC-0807-471J-UL
470
10
0.796
2.3
1.0
0.34
0.39
DRC-0807-681J-UL
680
10
0.796
1.9
1.5
0.28
0.32



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com