Electronic Components Datasheet Search
  English  ▼

X  

DRC-0807 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # DRC-0807
Description  Radial Coil Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

DRC-0807 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  DRC-0807 Datasheet HTML 1Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 2Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 3Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 4Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
belfuse.com/signal
DRC-0608
DRC-0707
DRC-0807
Radial Coil Inductors
The DRC-0608, DRC-0707, DRC-0807 Series further expands Signal’s new
inductor series of unshielded radial drum chokes which are also known as
fixed or bobbin core inductors. These through hole mount components are
commonly used for general purpose filtering of high frequency signals and
mitigating EMI/RFI. They frequently make their appearance in a wide variety
of applications such as industrial, consumer, and medical products.
Utilizing the latest winding technology, copper windings and ferrite cores,
Signal’s DRC Series addresses the needs of modern filtering applications by
providing the most effective electrical noise suppression via a combination
of high impedance, large inductance, and elevated current capacity.
RoHS
Compliant
• Inductance Range: 3.3 µH to 47000 µH
• Rated Current : It is either the inductance is 10% lower than its initial
value in DC Saturation characteristics or temperature rise becomes
ΔT = 20°C (Ta = 20°C), whichever is lower.
• Operating Temperature Range: -20°C to +85°C
• Storage Temperature Range (component): -40°C to +125°C
• TV and Audio equipment
• Telecommunication devices
• Personal computers
• Switching power supplies
• Other noise filters
Applications
Specifications
General Features
• Wide inductance range
• Lowest DCR
• Tape packaging for auto-insertion
• Shrink tubing protected winding
• Fixed lead spacing
• High peak current support
• Large saturation current capacity
• Small footprint


Similar Part No. - DRC-0807

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
DRC-0810 BEL-DRC-0810 Datasheet
1Mb / 5P
Radial Coil Inductors
Aug 16 2023
DRC-0810-100K-UL BEL-DRC-0810-100K-UL Datasheet
1Mb / 5P
Radial Coil Inductors
Aug 16 2023
DRC-0810-120J-UL BEL-DRC-0810-120J-UL Datasheet
1Mb / 5P
Radial Coil Inductors
Aug 16 2023
DRC-0810-121J-UL BEL-DRC-0810-121J-UL Datasheet
1Mb / 5P
Radial Coil Inductors
Aug 16 2023
DRC-0810-150K-UL BEL-DRC-0810-150K-UL Datasheet
1Mb / 5P
Radial Coil Inductors
Aug 16 2023
More results

Similar Description - DRC-0807

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
18401 FRONTIER-18401 Datasheet
116Kb / 2P
Radial Leads Inductors (Choke Coil)
18402 FRONTIER-18402 Datasheet
116Kb / 2P
Radial Leads Inductors (Choke Coil)
18403 FRONTIER-18403 Datasheet
117Kb / 2P
Radial Leads Inductors (Choke Coil)
logo
Superworld Electronics
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
RADIAL CHOKE COIL
logo
Token Electronics Indus...
TCRB0605 TOKEN-TCRB0605 Datasheet
405Kb / 7P
TCRB Coil Choke Inductors Radial
TCRC0406 TOKEN-TCRC0406 Datasheet
416Kb / 9P
TCRC Choke Coil Inductors Radial
TCRS0606 TOKEN-TCRS0606 Datasheet
404Kb / 4P
TCRS Choke Coil Inductors Radial
logo
Bel Fuse Inc.
DRC-V BEL-DRC-V Datasheet
1Mb / 4P
Radial Coil Inductors
Jul-11-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com