Electronic Components Datasheet Search
  English  ▼

X  

DRC-0807 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # DRC-0807
Description  Radial Coil Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

DRC-0807 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  DRC-0807 Datasheet HTML 1Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 2Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 3Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 4Page - Bel Fuse Inc. DRC-0807 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2023 Signal Transformer
Specifications subject to change without notice
DRC Series Aug 16 2023
DRC-0608 / DRC-0707 / DRC-0807 Series Datasheet
RoHS
Compliant
• Characteristics
I sat (Saturation Current): The value of inductance decrease within 10%
I rms (Temperature Rise): The temperature of coil increases within 20°C.
• Test equipment
L&Q: measured on HP 4285A or HP 4284A
DCR: measured on Chroma 16502 milli-ohm meter
SRF: HM 9461 L-SRF meter
Electrical specifications at 25°C
• Notice
There could be measurement deviations with different instruments due to different test principles / internal resistance.
Open and Short compensation is performed before testing
IN BAG PACKAGING SPECIFICATIONS
LABEL
P/O:
ITEM No:
Lot No:
Quantity: Pcs
N. W.:
kg
G. W.:
kg
Small Box
Inside Box
Outside Carton
120
260
410
C/NO.
Series
Packaging Quantity (pcs)
Bag
Small box
Inside box
Outside carton
DRC-0608
200
1000
4000
8000
DRC-0707
200
1000
4000
8000
DRC-0807
100
500
2000
4000
• Storage Conditions
a) Temperature and humidity conditions < 35°C and < 35 - 65 %
b) Recommendations: Inductors should be used within 6 months from the time of delivery
c) Packaging material should be kept away from where chlorine and sulfur exist



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com