Electronic Components Datasheet Search
  English  ▼

X  

F1162 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F1162
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1162 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F1162 Datasheet HTML 1Page - Renesas Technology Corp F1162 Datasheet HTML 2Page - Renesas Technology Corp F1162 Datasheet HTML 3Page - Renesas Technology Corp F1162 Datasheet HTML 4Page - Renesas Technology Corp F1162 Datasheet HTML 5Page - Renesas Technology Corp F1162 Datasheet HTML 6Page - Renesas Technology Corp F1162 Datasheet HTML 7Page - Renesas Technology Corp F1162 Datasheet HTML 8Page - Renesas Technology Corp F1162 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
RF to IF Dual Downconverting Mixer
2300 - 2700 MHz F1162NBGI
IDT Zero-Distortion
TM Mixer
3
Rev1, July 2012
DATASHEET
IDTF1162 SPECIFICATION
Specifications apply at VCC = +5.00V, TC = +25°C FRF = 2600 MHz, FIF = 400MHz, Low Side Injection, PLO = 0 dBm, STBY = GND, LCMODE
= VIH (STD Mode), EVKit BOM = Standard Mode, Transformer Loss included (not de-embedded) unless otherwise noted.
Parameter
Comment
Symbol
min
typ
max
units
Logic Input High
For Standby, LCMODE
Pins
VIH
2
V
Logic Input Low
For Standby, LCMODE
Pins
VIL
0.8
V
Logic Current
For Standby Pin
IIH, IIL
-30
+30
µA
Logic Current
For LCMODE Pin
IIH, IIL
-100
-20
µA
Supply Voltage(s)
All VCC pins
VCC
4.75 to
5.25
V
Operating
Temperature Range
Case Temperature
TCASE
-40 to
+100
degC
Supply Current
Total VCC , STD Mode
Total Both Channels
ISTD
330
375
1
mA
Supply Current
Total VCC , LC Mode
LCMODE = GND
EVkit BOM = LC Mode
Total Both Channels
ILC
230
260
mA
Supply Current
Standby Mode
STBY = VIH
LCMODE > VIH (STD Mode)
Total Both Channels
ISTBY
23
30
mA
RF Freq Range
Operating Range
FRF
2300 to
2700
MHz
IF Freq Range
Operating Range
FIF
50 to 500
MHz
LO Freq Range
Operating Range
FLO
1800 to
2900
MHz
LO Power
Operating Range
PLO
-6 to +6
dBm
RF Input Impedance
Single Ended
Return Loss ~20 dB
ZRF
50
IF Output Impedance
Differential
Return Loss ~ 15 dB
ZIF
200
LO port Impedance
Single Ended
Return Loss ~15 dB
ZLO
50
Settling Time
• Pin = -13 dBm
• Gate STBY from V
IH to VIL
• Time for IF Signal to settle to
within 0.1 dB of final value
TSETT
0.150
µsec
Gain STD Mode
Conversion Gain
• F
RF = 2300 MHz
• LC
MODE = VIH
• EVkit BOM = STD Mode
• F
IF = 400 MHz (Low Side Inj.)
GSTD
7.2
8.4
9.6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com