Electronic Components Datasheet Search
  English  ▼

X  

F1162 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # F1162
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1162 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button F1162 Datasheet HTML 16Page - Renesas Technology Corp F1162 Datasheet HTML 17Page - Renesas Technology Corp F1162 Datasheet HTML 18Page - Renesas Technology Corp F1162 Datasheet HTML 19Page - Renesas Technology Corp F1162 Datasheet HTML 20Page - Renesas Technology Corp F1162 Datasheet HTML 21Page - Renesas Technology Corp F1162 Datasheet HTML 22Page - Renesas Technology Corp F1162 Datasheet HTML 23Page - Renesas Technology Corp F1162 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
RF to IF Dual Downconverting Mixer
IDT Zero-Distortion
TM Mixer
PACKAGE DRAWING (6X6 QFN)
RF to IF Dual Downconverting Mixer
2300 - 2700 MHz
20
00 MHz F1162NBGI
Rev1, July 2012
DATASHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com