Electronic Components Datasheet Search
  English  ▼

X  

F1162 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F1162
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1162 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F1162 Datasheet HTML 3Page - Renesas Technology Corp F1162 Datasheet HTML 4Page - Renesas Technology Corp F1162 Datasheet HTML 5Page - Renesas Technology Corp F1162 Datasheet HTML 6Page - Renesas Technology Corp F1162 Datasheet HTML 7Page - Renesas Technology Corp F1162 Datasheet HTML 8Page - Renesas Technology Corp F1162 Datasheet HTML 9Page - Renesas Technology Corp F1162 Datasheet HTML 10Page - Renesas Technology Corp F1162 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
RF to IF Dual Downconverting Mixer
2300 - 2700 MHz F1162NBGI
IDT Zero-Distortion
TM Mixer
7
Rev1, July 2012
DATASHEET
TYPICAL OPERATING CONDITIONS [IF = 200 MHz, Low Side Injection] (-2-)
P1dB vs. TCASE
P1dB vs. LO Level
2RF x 2LO Rejection vs. VCC
P1dB vs. VCC
2RF x 2LO rejection vs. TCASE
2RF x 2LO Rejection vs. LO Level
6
7
8
9
10
11
12
13
14
2.30E+09
2.40E+09
2.50E+09
2.60E+09
2.70E+09
RF Freq (Hz)
-40 degC - 0 dBm - 5.00 V - STD
-40 degC - 0 dBm - 5.00 V - LC
25 degC - 0 dBm - 5.00 V - STD
25 degC - 0 dBm - 5.00 V - LC
100 degC - 0 dBm - 5.00 V - STD
100 degC - 0 dBm - 5.00 V - LC
6
7
8
9
10
11
12
13
14
2.30E+09
2.40E+09
2.50E+09
2.60E+09
2.70E+09
RF Freq (Hz)
25 degC - 6 dBm - 5.00 V - STD
25 degC - 6 dBm - 5.00 V - LC
25 degC - 0 dBm - 5.00 V - STD
25 degC - 0 dBm - 5.00 V - LC
25 degC - -3 dBm - 5.00 V - STD
25 degC - -3 dBm - 5.00 V - LC
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
2.30E+09
2.40E+09
2.50E+09
2.60E+09
2.70E+09
RF Freq (Hz)
25 degC - 5.25 V - 0 dBm - STD
25 degC - 5.25 V - 0 dBm - LC
25 degC - 5.00 V - 0 dBm - STD
25 degC - 5.00 V - 0 dBm - LC
25 degC - 4.75 V - 0 dBm - STD
25 degC - 4.75 V - 0 dBm - LC
6
7
8
9
10
11
12
13
14
2.30E+09
2.40E+09
2.50E+09
2.60E+09
2.70E+09
RF Freq (Hz)
25 degC - 0 dBm - 5.25 V - STD
25 degC - 0 dBm - 5.25 V - LC
25 degC - 0 dBm - 5.00 V - STD
25 degC - 0 dBm - 5.00 V - LC
25 degC - 0 dBm - 4.75 V - STD
25 degC - 0 dBm - 4.75 V - LC
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
2.30E+09
2.40E+09
2.50E+09
2.60E+09
2.70E+09
RF Freq (Hz)
-40 degC - STD - 5.00 V - 0 dBm
-40 degC - LC - 5.00 V - 0 dBm
25 degC - STD - 5.00 V - 0 dBm
25 degC - LC - 5.00 V - 0 dBm
100 degC - STD - 5.00 V - 0 dBm
100 degC - LC - 5.00 V - 0 dBm
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
2.30E+09
2.40E+09
2.50E+09
2.60E+09
2.70E+09
RF Freq (Hz)
25 degC - 5.00 V - 6 dBm - STD
25 degC - 5.00 V - 6 dBm - LC
25 degC - 5.00 V - 0 dBm - STD
25 degC - 5.00 V - 0 dBm - LC
25 degC - 5.00 V - -3 dBm - STD
25 degC - 5.00 V - -3 dBm - LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com