Electronic Components Datasheet Search
  English  ▼

X  

TLP124 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP124
Description  Photo−Transistor Office Machine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP124 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP124 Datasheet HTML 1Page - Toshiba Semiconductor TLP124 Datasheet HTML 2Page - Toshiba Semiconductor TLP124 Datasheet HTML 3Page - Toshiba Semiconductor TLP124 Datasheet HTML 4Page - Toshiba Semiconductor TLP124 Datasheet HTML 5Page - Toshiba Semiconductor TLP124 Datasheet HTML 6Page - Toshiba Semiconductor TLP124 Datasheet HTML 7Page - Toshiba Semiconductor TLP124 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP124
2007-10-01
6
IC – VCE
Collector–emitter voltage VCE (V)
0
4
0
3
2
1
2
4
6
8
10
Ta = 25°C
0.8mA
IF = 1.0mA
0.6mA
0.5mA
0.4mA
0.2mA
4
0
0
3
1
0.2
0.4
0.6
0.8
1.0
2
IC – VCE
Collector–emitter voltage VCE (V)
IF = 1.0mA
0.8mA
0.6mA
0.5mA
0.4mA
0.2mA
Ta = 25°C
Sample A
Forward current IF (mA)
IC – IF
50
0.03
0.1
0.3
30
1
0.5
0.5
10
3
10
1
5
3
5
0.05
0.1
0.3
Ta = 25°C
VCE = 5V
VCE = 1.5V
VCE = 0.5V
Sample B
ICEO – Ta
Ambient temperature Ta (°C)
10
1
10−
4
0
20
40
60
80
100
120
10
0
10−
1
10−
2
10−
3
VCE = 48V
10V
5V
24V
IC / IF – IF
Forward current IF (mA)
1000
30
0.1
50
300
100
0.5
500
3
10
1
5
0.3
SamplE A
Ta = 25°C
Sample B
VCE = 5V
VCE = 1.5V
VCE = 0.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com