Electronic Components Datasheet Search
  English  ▼

X  

TLP124 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP124
Description  Photo−Transistor Office Machine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP124 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP124 Datasheet HTML 1Page - Toshiba Semiconductor TLP124 Datasheet HTML 2Page - Toshiba Semiconductor TLP124 Datasheet HTML 3Page - Toshiba Semiconductor TLP124 Datasheet HTML 4Page - Toshiba Semiconductor TLP124 Datasheet HTML 5Page - Toshiba Semiconductor TLP124 Datasheet HTML 6Page - Toshiba Semiconductor TLP124 Datasheet HTML 7Page - Toshiba Semiconductor TLP124 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP124
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP124
Office Machine
Programmable Controllers
AC / DC−Input Module
Telecommunication
The TOSHIBA mini flat coupler TLP124 is a small outline coupler,
suitable for surface mount assembly.
TLP124 consists of a photo transistor optically coupled to a gallium
arsenide infrared emitting diode.
• Collector−emitter voltage: 80 V min.
• Current transfer ratio: 100% min.
Rank BV: 200% min.
• Isolation voltage: 3750Vrms min.
• UL recognized: UL1577, file No. E67349
Pin Configurations (top view)
6
4
3
1
1 : Anode
3 : Cathode
4 : Emitter
6 : Collector
TOSHIBA
11
−4C1
Weight: 0.09g
Unit in mm


Similar Part No. - TLP124

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP124 TOSHIBA-TLP124 Datasheet
167Kb / 8P
Office Machine Programmable Controllers Office Machine Telecommunication
TLP1243 TOSHIBA-TLP1243 Datasheet
243Kb / 9P
Photo-interrupter Infrared LEDPhototransistor
TLP1243 TOSHIBA-TLP1243 Datasheet
215Kb / 9P
Copiers, Printers and Fax Machines Air-conditioners Game Machines
TLP1243C8 TOSHIBA-TLP1243C8 Datasheet
215Kb / 9P
Copiers, Printers and Fax Machines Air-conditioners Game Machines
More results

Similar Description - TLP124

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
GaAs Ired & Photo−Transistor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
GaAs Ired & Photo−Transistor
TLP126 TOSHIBA-TLP126_07 Datasheet
179Kb / 8P
Photo−Transistor Programmable Controllers
TLP127 TOSHIBA-TLP127_07 Datasheet
176Kb / 8P
Photo−Transistor Programmable Controllers
TLP131 TOSHIBA-TLP131_07 Datasheet
199Kb / 9P
Photo−Transistor Office Machine
TLP137 TOSHIBA-TLP137_07 Datasheet
225Kb / 9P
Photo−Transistor Office Machine
TLP141G TOSHIBA-TLP141G_07 Datasheet
191Kb / 6P
Photo−Transistor Programmable Controllers
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
Office Machine Programmable Controllers Office Machine Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com