Electronic Components Datasheet Search
  English  ▼

X  

TLP124 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP124
Description  Photo−Transistor Office Machine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP124 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP124 Datasheet HTML 1Page - Toshiba Semiconductor TLP124 Datasheet HTML 2Page - Toshiba Semiconductor TLP124 Datasheet HTML 3Page - Toshiba Semiconductor TLP124 Datasheet HTML 4Page - Toshiba Semiconductor TLP124 Datasheet HTML 5Page - Toshiba Semiconductor TLP124 Datasheet HTML 6Page - Toshiba Semiconductor TLP124 Datasheet HTML 7Page - Toshiba Semiconductor TLP124 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP124
2007-10-01
3
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
―
5
48
V
Forward current
IF
―
1.6
20
mA
Collector current
IC
―
1
10
mA
Operating temperature
Topr
−25
―
75
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
―
―
10
μA
Capacitance
CT
V = 0, f = 1 MHz
―
30
―
pF
Collector
−emitter
breakdown voltage
V(BR) CEO
IC = 0.5 mA
80
―
―
V
Emitter
−collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
7
―
―
V
VCE = 48 V
―
10
100
nA
Collector dark current
ID
VCE = 48 V, Ta = 85°C
―
2
50
μA
Capacitance collector to emitter
CCE
V = 0, f = 1 MHz
―
12
―
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn.
Typ.
Max.
Unit
100
―
1200
Current transfer ratio
IC / IF
IF = 1mA, VCE = 0.5 V
Rank BV
200
―
1200
%
50
―
―
Low input CTR
IC / IF (low)
IF = 0.5 mA, VCE = 1.5 V
Rank BV
100
―
―
%
IC = 0.5 mA, IF = 1 mA
―
―
0.4
―
0.2
―
Collector
−emitter
saturation voltage
VCE (sat)
IC = 1 mA, IF = 1 mA
Rank BV
―
―
0.4
V
Off
−state collector current
IC(off)
VF = 0.7V, VCE = 48 V
―
―
10
μA
Coupled Electrical Characteristics (Ta = −25~75°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
50
―
―
%
Current transfer ratio
IC / IF
IF = 1mA, VCE = 0.5 V
Rank BV
100
―
―
%
―
50
―
%
Low input CTR
IC / IF (low)
IF = 0.5 mA, VCE = 1.5 V
Rank BV
―
100
―
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com