Electronic Components Datasheet Search
  English  ▼

X  

SY69753AL Datasheet(PDF) 2 Page - Microchip Technology

Part # SY69753AL
Description  3.3V, 125Mbps, 155Mbps Clock and Data Recovery
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY69753AL Datasheet(HTML) 2 Page - Microchip Technology

  SY69753AL Datasheet HTML 1Page - Microchip Technology SY69753AL Datasheet HTML 2Page - Microchip Technology SY69753AL Datasheet HTML 3Page - Microchip Technology SY69753AL Datasheet HTML 4Page - Microchip Technology SY69753AL Datasheet HTML 5Page - Microchip Technology SY69753AL Datasheet HTML 6Page - Microchip Technology SY69753AL Datasheet HTML 7Page - Microchip Technology SY69753AL Datasheet HTML 8Page - Microchip Technology SY69753AL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
SY69753AL
August 2007
2
M9999-082107-E
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
(1)
Part Number
Package
Type
Operating
Range
Package
Marking
Lead
Finish
SY69753ALHG
H32-1
Industrial
SY69753ALHG with
Pb-Free bar-line indicator
NiPdAu
Pb-Free
SY69753ALHGTR
(2)
H32-1
Industrial
SY69753ALHG with
Pb-Free bar-line indicator
NiPdAu
Pb-Free
Notes:
1.
Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2.
Tape and Reel.
Pin Configuration
32-Pin EPAD-TQFP (H32-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com