Electronic Components Datasheet Search
  English  ▼

X  

SY69753AL Datasheet(PDF) 12 Page - Microchip Technology

Part # SY69753AL
Description  3.3V, 125Mbps, 155Mbps Clock and Data Recovery
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY69753AL Datasheet(HTML) 12 Page - Microchip Technology

Back Button SY69753AL Datasheet HTML 5Page - Microchip Technology SY69753AL Datasheet HTML 6Page - Microchip Technology SY69753AL Datasheet HTML 7Page - Microchip Technology SY69753AL Datasheet HTML 8Page - Microchip Technology SY69753AL Datasheet HTML 9Page - Microchip Technology SY69753AL Datasheet HTML 10Page - Microchip Technology SY69753AL Datasheet HTML 11Page - Microchip Technology SY69753AL Datasheet HTML 12Page - Microchip Technology SY69753AL Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Micrel, Inc.
SY69753AL
August 2007
12
M9999-082107-E
hbwhelp@micrel.com or (408) 955-1690
Appendix A
Layout and General Suggestions
1.
Establish controlled impedance stripline, microstrip, or
coplanar construction techniques.
2.
Signal paths should have approximately the same width
as the device pads.
3.
All differential paths are critical timing paths, where
skew should be matched to within ±10ps.
4.
Signal trace impedance should not vary more than
±5%. If in doubt, perform TDR analysis of all high-speed
signal traces.
5.
Maintain compact filter networks as close to filter pins
as possible. Provide ground plane relief under filter path
to reduce stray capacitance. Be careful of crosstalk
coupling into the filter network.
6.
Maintain low jitter on the REFCLK input. Isolate the
XTAL oscillator from power supply noise by adequately
decoupling. Keep XTAL oscillator close to device, and
minimize capacitive coupling from adjacent signals.
7.
Higher speed operation may require use of
fundamental-tone (third-overtone typically has more
jitter) crystal-based oscillator for optimum performance.
Evaluate and compare candidates by measuring
TXCLK jitter.
8.
All unused outputs require termination. To conserve
power, unused PECL outputs can be terminated with a
1kΩ resistor to VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com