Electronic Components Datasheet Search
  English  ▼

X  

SY69753AL Datasheet(PDF) 11 Page - Microchip Technology

Part # SY69753AL
Description  3.3V, 125Mbps, 155Mbps Clock and Data Recovery
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY69753AL Datasheet(HTML) 11 Page - Microchip Technology

Back Button SY69753AL Datasheet HTML 5Page - Microchip Technology SY69753AL Datasheet HTML 6Page - Microchip Technology SY69753AL Datasheet HTML 7Page - Microchip Technology SY69753AL Datasheet HTML 8Page - Microchip Technology SY69753AL Datasheet HTML 9Page - Microchip Technology SY69753AL Datasheet HTML 10Page - Microchip Technology SY69753AL Datasheet HTML 11Page - Microchip Technology SY69753AL Datasheet HTML 12Page - Microchip Technology SY69753AL Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Micrel, Inc.
SY69753AL
August 2007
11
M9999-082107-E
hbwhelp@micrel.com or (408) 955-1690
Bill of Materials (DC-Coupled)
Item
Part Number
Manufacturer
Description
Qty.
C6
293D685X0025B2T
Vishay
(1)
6.8µF, 25V, Tantalum Capacitor, Size B
1
C7
VJ206Y103JXJAT
Vishay
(1)
0.01µF Ceramic Capacitor, Size 1206, X7R Dielectric
1
C10, C11
VJ0603Y105JXJAT
Vishay
(1)
1.0µF Ceramic Capacitor, Size 0603, X7R Dielectric
2
C12-C15,
C18, C19,
C27, C28
VJ0402Y104JXJAT
Vishay
(1)
0.1µF Ceramic Capacitor, Size 0402, X7R Dielectric
8
C20-C26
VJ0402Y104JXJAT
Vishay
(1)
0.01µF Ceramic Capacitor, Size 1206, X7R Dielectric
7
D1
P301-ND
Panasonic
(2)
LED Diode, T-1 3/4, Red Clear
1
D2
P300-ND/P301-ND
Vishay
(1)
T-1 3/4, Red LED
1
J2, J3, J4,
J6
111-0702-001
Johnson
Components
(3)
Red, Insulated Thumb Nut Binding Post
(Jumped Together)
4
J5
BLM21A102F
Johnson
Components
(3)
Black, Insulated Thumb Nut Binding Post, GND
(Jumped to VEE)
1
Q1
459-2598-5-ND
NTE
(5)
2N2222A Buffer/Driver Transistor, NPN
1
R1
CRCW04023500F
Vishay
(1)
350Ω Resistor, 2%, Size 0402
1
R2
CRCW04026800F
Vishay
(1)
680Ω Resistor, 2%, Size 0402
1
R3, R8,
R9, R10
CRCW04021001F
Vishay
(1)
1kΩ Pull-up Resistor, 2%, Size 1206
4
R15, R16,
R30, R32
CRCW04021820F
Vishay
(1)
182Ω Resistor, 2%, Size 0402
10
R21
CRCW06031300F
Vishay
(1)
130Ω Resistor, 2%, Size 0603
1
R22
CRCW04021820F
Vishay
(1)
12.1kΩ Resistor, 2%, Size 1206
1
R23, R24
CRCW04022825F
Vishay
(1)
82Ω Resistor, 2%, Size 0402
2
R27
CRCW0402OOR0F
Vishay
(1)
0Ω Resistor, 2%, Size 0402
1
R31
CRCW04025000F
Vishay
(1)
50Ω Resistor, 2%, Size 0402
1
SMA1-
SMA10
142-0701-851
Johnson
Components
(3)
End Launch SMA Jack
10
SP1-SP6
Solder Jump Option
6
SW1
CT2068-ND
CTS
(6)
8-Position, Top Actuated Slide Dip Switch
1
U1
SY69753AL
Micrel, Inc.
(7)
Low-Power 3.3V 125Mbps to 155Mbps Clock and
Data Recovery
1
U2
SY89322V
Micrel, Inc.
(7)
3.3/5V Dual LVTTL/LVCMOS-to-Differential LVPECL
Translator
1
Notes:
1. Vishay: www.vishay.com.
2. Panasonic: www.panasonic.com.
3. Johnson Components: www.johnson-components.com.
4. Murata: www.murata.com.
5. NTE: www.nte.com.
6. CTS: www.cts.com.
7. Micrel, Inc: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com