Electronic Components Datasheet Search
  English  ▼

X  

DAC1221 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC1221
Description  16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1221 Datasheet(HTML) 3 Page - Texas Instruments

  DAC1221 Datasheet HTML 1Page - Texas Instruments DAC1221 Datasheet HTML 2Page - Texas Instruments DAC1221 Datasheet HTML 3Page - Texas Instruments DAC1221 Datasheet HTML 4Page - Texas Instruments DAC1221 Datasheet HTML 5Page - Texas Instruments DAC1221 Datasheet HTML 6Page - Texas Instruments DAC1221 Datasheet HTML 7Page - Texas Instruments DAC1221 Datasheet HTML 8Page - Texas Instruments DAC1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
®
DAC1221
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ABSOLUTE MAXIMUM RATINGS(1)
AVDD to DVDD ................................................................................... ±0.3V
AVDD to AGND ........................................................................ –0.3V to 4V
DVDD to DGND ....................................................................... –0.3V to 4V
AGND to DGND ...............................................................................
±0.3V
VREF Voltage to AGND .......................................................... 1.0V to 1.5V
Digital Input Voltage to DGND .............................. –0.3V to DVDD + 0.3V
Digital Output Voltage to DGND ........................... –0.3V to DVDD + 0.3V
Package Power Dissipation ............................................. (TJMAX – TA)/θJA
Maximum Junction Temperature (TJMAX) ..................................... +150°C
Thermal Resistance,
θ
JA
SSOP-16 ............................................................................... 200
°C/W
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PIN CONFIGURATION
Top View
SSOP
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1DVDD
Digital Supply, +3V nominal
2XOUT
Digital, System Clock Output
3XIN
Digital, System Clock Input
4
DGND
Digital Ground
5AVDD
Analog Supply, +3V nominal
6
DNC
Do Not Connect
7C3
Analog, Filter Capacitor
8C2B
Analog, Filter Capacitor
9C1
Analog, Filter Capacitor
10
C2A
Analog, Filter Capacitor
11
VOUT
Analog Output Voltage
12
VREF
Analog, Reference Input
13
AGND
Analog Ground
14
CS
Digital, Chip Select Input
15
SDIO
Digital, Serial Data Input/Output
16
SCLK
Digital, Clock Input for Serial Data Transfer
1
2
3
4
5
6
7
8
DV
DD
X
OUT
X
IN
DGND
AV
DD
DNC
C
3
C
2B
SCLK
SDIO
CS
AGND
V
REF
V
OUT
C
2A
C
1
16
15
14
13
12
11
10
9
DAC1221E
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
DAC1221E
SSOP-16
322
–40
°C to +85°C
DAC1221E
DAC1221E
Rails
"
"
"
"
"
DAC1221E/2K5
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces
of “DAC1221E/2K5” will get a single 2500-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com