Electronic Components Datasheet Search
  English  ▼

X  

DAC1221 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC1221
Description  16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1221 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC1221 Datasheet HTML 6Page - Texas Instruments DAC1221 Datasheet HTML 7Page - Texas Instruments DAC1221 Datasheet HTML 8Page - Texas Instruments DAC1221 Datasheet HTML 9Page - Texas Instruments DAC1221 Datasheet HTML 10Page - Texas Instruments DAC1221 Datasheet HTML 11Page - Texas Instruments DAC1221 Datasheet HTML 12Page - Texas Instruments DAC1221 Datasheet HTML 13Page - Texas Instruments DAC1221 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
®
DAC1221
MSB
Byte 2
FCR23
FCR22
FCR21
FCR20
FCR19
FCR18
FCR17
FCR16
Byte 1
FCR15
FCR14
FCR13
FCR12
FCR11
FCR10
FCR9
FCR8
Byte 0
LSB
FCR7
FCR6
FCR5
FCR4
FCR3
FCR2
FCR1
FCR0
TABLE VI. Full-Scale Calibration Register.
MSB
Byte 1
DIR15
DIR14
DIR13
DIR12
DIR11
DIR10
DIR9
DIR8
Byte 0
LSB
DIR7
DIR6
DIR5
DIR4
DIR3
DIR2
DIR1
DIR0
TABLE VII. Data Input Register.
Full-Scale Calibration Register (FCR)
The FCR is a 24-bit register which contains the full-scale
correction factor that is applied to the digital input before it
is transferred to the modulator. The contents of this register
will be the result of a self-calibration, or written to by the
user.
The FCR is both readable and writable via the serial inter-
face. For applications requiring a more accurate calibration,
a calibration can be performed, the results averaged, and a
more precise value written back to the FCR.
The actual FCR value will change from part to part and with
configuration, temperature, and power supply.
In addition, be aware that the contents of the FCR are not
used to directly correct the digital input. Rather, the correc-
tion is a function of the FCR value. This function is linear
and two known points can be used as a basis of interpolating
intermediate values for the FCR. The contents of the FCR
are in unsigned binary format. This is not affected by the DF
bit in the Command Register.
Data Input Register (DIR)
The DIR is a 16-bit register which contains the digital input
value (see Table VII). The register is latched on the falling
edge of the last bit of the last byte sent. The contents of the
DIR are then loaded into the modulator. This means that the
DIR register can be updated after sending 1 or 2 bytes, which
is determined by the MB1 and MB0 bits in the Instruction
Register. The contents of the DIR can be Offset Two’s
Complement or Straight Binary.
SLEEP MODE
The Sleep Mode is entered after the bit combination 10 has
been written to the CMR Operation Mode bits (MD1 and
MD0). This mode ends when these bits are changed to a
value other than 10.
Communication with the DAC1221 can continue during
Sleep Mode. When a new mode (other than Sleep) has been
entered, the DAC1221 will execute a very brief internal
power-up sequence of the analog and digital circuitry. In
addition, the settling of the external VREF and other circuitry
must be taken into account to determine the amount of time
required to resume normal operation.
Once serial communication is resumed, the Sleep Mode is
exited by changing the MD1 - MD0 bits to any other mode.
When a new mode (other than Sleep) has been entered, the
DAC1221 will execute a very brief internal power-up se-
quence of the analog and digital circuitry. In addition, the
settling of the external VREF and other circuitry must be
taken into account to determine the amount of time required
to resume normal operation.
SERIAL INTERFACE
The DAC1221 includes a flexible serial interface which can
be connected to microcontrollers and digital signal proces-
sors in a variety of ways. Along with this flexibility, there is
also a good deal of complexity. This section describes the
trade-offs between the different types of interfacing methods
in a top-down approach—starting with the overall flow and
control of serial data, moving to specific interface examples,
and then providing information on various issues related to
the serial interface.
Reset, Power-On Reset and Brown-Out
The DAC1221 contains an internal power-on reset circuit. If
the power supply ramp rate is greater than 50mV/ms, this
circuit will be adequate to ensure the device powers up
correctly. Due to oscillator settling considerations, commu-
nication to and from the DAC1221 should not occur for at
least 25ms after power is stable.
If this requirement cannot be met or if the circuit has brown-
out considerations, the timing diagram of Figure 3 can be
used to reset the DAC1221. This accomplishes the reset by
controlling the duty cycle of the SCLK input.
Sleep mode is the default state after power on or reset. The
output is high impedance during sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com