Electronic Components Datasheet Search
  English  ▼

X  

DAC1221 Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC1221
Description  16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1221 Datasheet(HTML) 5 Page - Texas Instruments

  DAC1221 Datasheet HTML 1Page - Texas Instruments DAC1221 Datasheet HTML 2Page - Texas Instruments DAC1221 Datasheet HTML 3Page - Texas Instruments DAC1221 Datasheet HTML 4Page - Texas Instruments DAC1221 Datasheet HTML 5Page - Texas Instruments DAC1221 Datasheet HTML 6Page - Texas Instruments DAC1221 Datasheet HTML 7Page - Texas Instruments DAC1221 Datasheet HTML 8Page - Texas Instruments DAC1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
®
DAC1221
LINEARITY ERROR vs CODE
16-Bit Input Code Normalized
0
0.2
0.4
0.6
0.8
1
25
20
15
10
5
0
–5
GAIN ERROR vs TEMPERATURE
Temperature (
°C)
–50
–25
050
75
25
100
0.020
0.015
0.010
0.005
0.000
–0.005
–0.010
–0.015
(can be corrected with calibration)
TYPICAL PERFORMANCE CURVES
At TA = +25°C, AVDD = DVDD = +3.0V, fXIN = 2.5MHz, VREF = 1.25V, C1 = 2.2nF, C2 = 150pF and C3 = 6.8nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com