Electronic Components Datasheet Search
  English  ▼

X  

DAC7731 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7731
Description  16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7731 Datasheet(HTML) 2 Page - Texas Instruments

  DAC7731 Datasheet HTML 1Page - Texas Instruments DAC7731 Datasheet HTML 2Page - Texas Instruments DAC7731 Datasheet HTML 3Page - Texas Instruments DAC7731 Datasheet HTML 4Page - Texas Instruments DAC7731 Datasheet HTML 5Page - Texas Instruments DAC7731 Datasheet HTML 6Page - Texas Instruments DAC7731 Datasheet HTML 7Page - Texas Instruments DAC7731 Datasheet HTML 8Page - Texas Instruments DAC7731 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
DAC7731
2
SBAS249B
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
VCC to VSS ........................................................................... –0.3V to +32V
VCC to AGND ...................................................................... –0.3V to +16V
VSS to AGND ...................................................................... –16V to +0.3V
AGND to DGND ................................................................... –0.3V to 0.3V
REFIN to AGND .............................................................. 0V to VCC – 1.4V
VDD to DGND ........................................................................ –0.3V to +6V
Digital Input Voltage to DGND ................................. –0.3V to VDD + 0.3V
Digital Output Voltage to DGND .............................. –0.3V to VDD + 0.3V
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature (TJ Max) .................................................... +150
°C
NOTE: (1) Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER(2)
MEDIA, QUANTITY
DAC7731E
SSOP-24
DB
–40
°C to +85°C
DAC7731E
DAC7731E
Rails, 60
""
"
"
"
DAC7731E/1K
Tape and Reel,1000
DAC7731EB
SSOP-24
DB
–40
°C to +85°C
DAC7731EB
DAC7731EB
Rails, 60
""
"
"
"
DAC7731EB/1K
Tape and Reel, 1000
DAC7731EC
SSOP-24
DB
–40
°C to +85°C
DAC7731EC
DAC7731EC
Rails, 60
""
"
"
"
DAC7731EC/1K
Tape and Reel, 1000
NOTE: (1) For the most current package ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI web site at www.ti.com.
Top View
SSOP
PIN CONFIGURATION
PIN
NAME
DESCRIPTION
1VCC
Positive Analog Power Supply
2
REFOUT
Internal Reference Output
3REFIN
Reference Input
4
REFADJ
Internal Reference Trim. (Acts as a gain adjustment
input when the internal reference is used.)
5VREF
Buffered Output from REFIN, can be used to drive
external devices. Internally, this pin directly drives the
DAC's circuitry.
6ROFFSET
Offsetting Resistor
7
AGND
Analog ground
8
RFB2
Feedback Resistor 2, used to configure DAC output
range.
9
RFB1
Feedback Resistor 1, used to configure DAC output
range.
10
SJ
Summing Junction of the Output Amplifier
11
VOUT
DAC Voltage Output
12
VDD
Digital Power Supply
13
DGND
Digital Ground
14
TEST
Reserved, Connect to DGND
15
NC
No Connection
16
RST
VOUT reset; active LOW, depending on the state of
RSTSEL, the DAC register is either reset to mid-
scale or min-scale.
17
LDAC
DAC register load control, rising dege triggered. Data
is loaded from the input register to the DAC register.
18
SDI
Serial Data Input. Data is latched into the input
register on the rising edge of SCLK.
19
SDO
Serial Data Output, delayed 16 SCLK clock cycles.
20
CS
Chip Select, Active LOW
21
SCLK
Serial Clock Input
22
RSTSEL
Reset Select; determines the action of RST. If HIGH,
RST will reset the DAC register to mid-scale. If LOW,
RST will reset the DAC register to min-scale.
23
REFEN
Enables internal +10V reference (REFOUT), active
LOW.
24
VSS
Negative Analog Power Supply
PIN DESCRIPTIONS
V
CC
REF
OUT
REF
IN
REFADJ
V
REF
R
OFFSET
AGND
RFB2
RFB1
SJ
V
OUT
V
DD
V
SS
REFEN
RSTSEL
SCLK
CS
SDO
SDI
LDAC
RST
NC
TEST
DGND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DAC7731
NOTE: RST, LDAC, SDI, CS and SCK are Schmitt-triggered inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com